Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28010 Datasheet(PDF) 5 Page - STMicroelectronics

Part # M28010
Description  1 Mbit 128K x 8 Parallel EEPROM With Software Data Protection
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28010 Datasheet(HTML) 5 Page - STMicroelectronics

  M28010 Datasheet HTML 1Page - STMicroelectronics M28010 Datasheet HTML 2Page - STMicroelectronics M28010 Datasheet HTML 3Page - STMicroelectronics M28010 Datasheet HTML 4Page - STMicroelectronics M28010 Datasheet HTML 5Page - STMicroelectronics M28010 Datasheet HTML 6Page - STMicroelectronics M28010 Datasheet HTML 7Page - STMicroelectronics M28010 Datasheet HTML 8Page - STMicroelectronics M28010 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
5/23
M28010
Figure 4. Software Data Protection Enable Algorithms (with or without Memory Write)
Wait for write completion (tQ5HQ5X)
Wait for write completion (tQ5HQ5X)
Wait for write completion (tQ5HQ5X)
AI02227B
Write AAh in
Address 5555h
Write 55h in
Address 2AAAh
Write A0h in
Address 5555h
SDP is set
Page Write
Timing
SDP is Disabled and Application
needs to Enable it, and Write Data
Time Out (tWLQ5H)
DATA has been written
and SDP is Enabled
SDP is Disabled and
Application needs to Enable it
Write AAh in
Address 5555h
Write 55h in
Address 2AAAh
Write A0h in
Address 5555h
Page Write
Timing
DATA has been written
and SDP is Enabled
Time Out (tWLQ5H)
Write data
in any addresses
within one page
Write
is enabled
Write AAh in
Address 5555h
Write 55h in
Address 2AAAh
Write A0h in
Address 5555h
Page Write
Timing
Time Out (tWLQ5H)
Write data
in any addresses
within one page
Write
is enabled
Read
The device is accessed like a static RAM. When E
and G are low, and W is high, the contents of the
addressed location are presented on the I/O pins.
Otherwise, when either G or E is high, the I/O pins
revert to their high impedance state.
Write
Write operations are initiated when both W and E
are low and G is high. The device supports both
W-controlled and E-controlled write cycles (as
shown in Figure 12 and Figure 13). The address is
latched during the falling edge of W or E (which
ever occurs later) and the data is latched on the
rising edge of W or E (which ever occurs first).
After a delay, tWLQ5H, that cannot be shorter than
the value specified in Table 9A to Table 9C, the
internal write cycle starts. It continues, under
internal timing control, until the write operation is
complete. The commencement of this period can
be detected by reading the Page Load Timer
Status on DQ5. The end of the internal write cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com