Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28010 Datasheet(PDF) 14 Page - STMicroelectronics

Part # M28010
Description  1 Mbit 128K x 8 Parallel EEPROM With Software Data Protection
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28010 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button M28010 Datasheet HTML 10Page - STMicroelectronics M28010 Datasheet HTML 11Page - STMicroelectronics M28010 Datasheet HTML 12Page - STMicroelectronics M28010 Datasheet HTML 13Page - STMicroelectronics M28010 Datasheet HTML 14Page - STMicroelectronics M28010 Datasheet HTML 15Page - STMicroelectronics M28010 Datasheet HTML 16Page - STMicroelectronics M28010 Datasheet HTML 17Page - STMicroelectronics M28010 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
M28010
14/23
Table 9C. Write Mode AC Characteristics for M28010-R (2V range)
(TA = –40 to 85 °C; VCC = 1.8 to 2.4 V)
Symbol
Alt.
Parameter
Test Condit ion
M28010-R
Unit
Min
Max
tAVWL
tAS
Address Valid to Write Enable Low
E= VIL,G = VIH
0ns
tAVEL
tAS
Address Valid to Chip Enable Low
G= VIH,W= VIL
0ns
tELWL
tCES
Chip Enable Low to Write Enable Low
G= VIH
0ns
tGHWL
tOES
Output Enable High to Write Enable Low
E= VIL
0ns
tGHEL
tOES
Output Enable High to Chip Enable Low
W= VIL
0ns
tWLEL
tWES
Write Enable Low to Chip Enable Low
G= VIH
0ns
tWLAX
tAH
Write Enable Low to Address Transition
120
ns
tELAX
tAH
Chip Enable Low to Address Transition
120
ns
tELEH
tWP
Chip Enable Low to Chip Enable High
120
ns
tWHEH
tCEH
Write Enable High to Chip Enable High
0
ns
tWHGL
tOEH
Write Enable High to Output Enable Low
0
ns
tEHWH
tWEH
Chip Enable High to Write Enable High
0
ns
tWHDX
tDH
Write Enable High to Input Transition
0
ns
tEHDX
tDH
Chip Enable High to Input Transition
0
ns
tWHWL
tWPH
Write Enable High to Write Enable Low
100
ns
tWLWH
tWP
Write Enable Low to Write Enable High
120
ns
tWLQ5H
tBLC
Time-out after the last byte write
150
µs
tWHRH
tWC
Byte Write Cycle time
5
ms
Page Write Cycle time (up to 128 bytes)
10
ms
tDVWH
tDS
Data Valid before Write Enable High
120
ns
tDVEH
tDS
Data Valid before Chip Enable High
120
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com