Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28010 Datasheet(PDF) 2 Page - STMicroelectronics

Part # M28010
Description  1 Mbit 128K x 8 Parallel EEPROM With Software Data Protection
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28010 Datasheet(HTML) 2 Page - STMicroelectronics

  M28010 Datasheet HTML 1Page - STMicroelectronics M28010 Datasheet HTML 2Page - STMicroelectronics M28010 Datasheet HTML 3Page - STMicroelectronics M28010 Datasheet HTML 4Page - STMicroelectronics M28010 Datasheet HTML 5Page - STMicroelectronics M28010 Datasheet HTML 6Page - STMicroelectronics M28010 Datasheet HTML 7Page - STMicroelectronics M28010 Datasheet HTML 8Page - STMicroelectronics M28010 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
M28010
2/23
Figure 2A. DIP Connections
Note: 1. DU = Do Not Use
Figure 2B. PLCC Connections
Note: 1. DU = Do Not Use
A1
A0
DQ0
A7
A4
A3
A2
A6
A5
A13
A10
A8
A9
DQ7
A14
A11
G
E
DQ5
DQ1
DQ2
DQ3
VSS
DQ4
DQ6
A12
DU
VCC
AI02222
M28010
8
1
15
16
4
5
6
7
9
10
11
12
13
14
32
31
30
27
26
25
24
23
22
21
20
19
18
17
A15
DU
W
A16
2
3
29
28
AI02223
A8
A10
17
A0
A7
DQ0
A6
A3
A2
A1
A5
A4
9
A9
1
A11
A14
DQ7
32
M28010
A13
G
E
25
Figure 2C. TSOP Connections
Note: 1. DU = Do Not Use
A2
A1
A0
A6
A3
A5
A4
A9
A11
DQ7
A8
G
E
DQ5
DQ0
DQ1
DQ3
DQ4
DQ6
A13
W
A15
A7
A14
VCC
A12
AI02224
M28010
8
1
9
16
17
24
25
32
VSS
A10
DQ2
DU
A16
DU
The device has been designed to offer a flexible
microcontroller interface, featuring both hardware
and software hand-shaking, with Data Polling and
Toggle Bit. The device supports a 128 byte Page
Write operation. Software Data Protection (SDP)
is also supported, using the standard JEDEC
algorithm.
The M28010 is designed for applications requiring
as much as 100,000 write cycles and ten years of
data retention. The organization of the data in a 4
byte (32-bit) “word” format leads to significant
savings in power consumption. Once a byte has
been read, subsequent byte read cycles from the
same “word” (with addresses differing only in the
two least significant bits) are fetched from the
previously loaded Read Buffer, not from the
memory array. As a result, the power consumption
for these subsequent read cycles is much lower
than the power consumption for the first cycle. By
careful design of the memory access patterns, a
50% reduction in the power consumption is
possible.
SIGNAL DESCRIPTION
The external connections to the device are
summarized in Table 1, and their use in Table 3.
Addresses (A0-A16). The address inputs are
used to select one byte from the memory array
during a read or write operation.
Data In/Out (DQ0-DQ7). The contents of the data
byte are written to, or read from, the memory array
through the Data I/O pins.
Chip Enable (E). The chip enable input must be
held low to enable read and write operations.
When Chip Enable is high, power consumption is
reduced.
Output Enable (G). The Output Enable input
controls the data output buffers, and is used to
initiate read operations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com