Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28010 Datasheet(PDF) 6 Page - STMicroelectronics

Part # M28010
Description  1 Mbit 128K x 8 Parallel EEPROM With Software Data Protection
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28010 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M28010 Datasheet HTML 2Page - STMicroelectronics M28010 Datasheet HTML 3Page - STMicroelectronics M28010 Datasheet HTML 4Page - STMicroelectronics M28010 Datasheet HTML 5Page - STMicroelectronics M28010 Datasheet HTML 6Page - STMicroelectronics M28010 Datasheet HTML 7Page - STMicroelectronics M28010 Datasheet HTML 8Page - STMicroelectronics M28010 Datasheet HTML 9Page - STMicroelectronics M28010 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
M28010
6/23
Figure 5. Software Data Protection Disable Algorithms (with or without Memory Write)
Wait for write completion (tQ5HQ5X)
Wait for write completion (tQ5HQ5X)
AI02226B
Write AAh in
Address 5555h
Write 55h in
Address 2AAAh
Write 80h in
Address 5555h
SDP is Disabled
Write AAh in
Address 5555h
Write 55h in
Address 2AAAh
Write 20h in
Address 5555h
Page Write
Timing
SDP is Enabled and
Application needs to Disable it
Time Out (tWLQ5H)
Write AAh in
Address 5555h
Write 55h in
Address 2AAAh
Write 80h in
Address 5555h
DATA has been written
and SDP is Disabled
Write AAh in
Address 5555h
Write 55h in
Address 2AAAh
Write 20h in
Address 5555h
Page Write
Timing
SDP is Enabled and
Application needs to Write Data
Time Out (tWLQ5H)
Write data
in any addresses
within one page
Physical
Write
Instructions
can be detected by reading the status of the Data
Polling and the Toggle Bit functions on DQ7 and
DQ6.
Page Write
The Page Write mode allows up to 128 bytes to be
written on a single page in a single go. This is
achieved through a series of successive Write
operations, no two of which are separated by more
than the tWLQ5H value (as specified in Table 9A to
Table 9C).
The page write can be initiated during any byte
write operation. Following the first Byte Write
instruction, the host may send another address
and data with a minimum data transfer rate of:
1/tWLQ5H.
The internal write cycle can start at any instant
after tWLQ5H. Once initiated, the write operation is
internally timed, and continues, uninterrupted,
until completion.
All bytes must be located on the same page
address (A16-A7 must be the same for all bytes).
Otherwise, the Page Write operation is not
executed. The Page Write Abort event is indicated
to the application via DQ1 (as described on page
8).
As with the single byte Write operation, described
above, the DQ5, DQ6 and DQ7 lines can be used
to detect the beginning and end of the internally
controlled phase of the Page Write cycle.
Software Data Protection (SDP)
The device offers a software-controlled write-
protection mechanism that allows the user to
inhibit all write operations to the device, including
chip erase. This can be useful for protecting the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com