Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28010 Datasheet(PDF) 9 Page - STMicroelectronics

Part # M28010
Description  1 Mbit 128K x 8 Parallel EEPROM With Software Data Protection
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28010 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M28010 Datasheet HTML 5Page - STMicroelectronics M28010 Datasheet HTML 6Page - STMicroelectronics M28010 Datasheet HTML 7Page - STMicroelectronics M28010 Datasheet HTML 8Page - STMicroelectronics M28010 Datasheet HTML 9Page - STMicroelectronics M28010 Datasheet HTML 10Page - STMicroelectronics M28010 Datasheet HTML 11Page - STMicroelectronics M28010 Datasheet HTML 12Page - STMicroelectronics M28010 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
9/23
M28010
Table 5B. Read Mode DC Characteristics for M28010-W (3V range)
(TA = –40 to 85 °C; VCC = 2.7 to 3.6 V)
Note: 1. All inputs and outputs open circuit.
Table 5C. Read Mode DC Characteristics for M28010-R (2V range)
(TA = –40 to 85 °C; VCC = 1.8 to 2.4 V)
Note: 1. All inputs and outputs open circuit.
Symbol
Parameter
Test Condition
Min.
Max.
Unit
ILI
Input Leakage Current
0V
≤ VIN ≤ VCC
5
µA
ILO
Output Leakage Current
0V
≤ VOUT ≤ VCC
5
µA
ICC
1
Supply Current (CMOS inputs)
E= VIL,G= VIL, f = 0.1 MHz
2mA
E= VIL,G = VIL,f= 5 MHz
15
mA
E= VIL,G= VIL, f = 10 MHz
26
mA
ICC1
1
Supply Current (Stand-by) CMOS
E>VCC – 0.3 V
30
µA
VIL
Input Low Voltage
–0.3
0.6
V
VIH
Input High Voltage
2
VCC + 0.3
V
VOL
Output Low Voltage
IOL = 1.6 mA
0.45
V
VOH
Output High Voltage
IOH = –100 µA
2.4
V
Symbol
Parameter
Test Conditio n
Min.
Max.
Unit
ILI
Input Leakage Current
0V
≤ VIN ≤ VCC
5
µA
ILO
Output Leakage Current
0V
≤ VOUT ≤ VCC
5
µA
ICC 1
Supply Current (CMOS inputs)
E= VIL,G = VIL, f = 0.1 MHz, VCC = 2.4 V
2mA
E=VIL,G= VIL, f = 5 MHz, VCC = 2.4 V
12
mA
ICC1
1
Supply Current (Stand-by) CMOS
E> VCC – 0.3 V
30
µA
VIL
Input Low Voltage
–0.3
0.2
V
VIH
Input High Voltage
VCC–0.3
VCC+0.3
V
VOL
Output Low Voltage
IOL = 0.4 mA
0.15
V
VOH
Output High Voltage
IOH = –100 µAVCC–0.15
V
Software Data Protection bit (DQ0). Reading the
SDP bit (DQ0) allows the user to determine
whether the Software Data Protection mode has
been enabled (SDP=1) or disabled (SDP=0). The
SDP bit (DQ0) can be read by using a dedicated
algorithm (as shown in Figure 8), or can be
combined with the reading of the DP bit (DQ7), TB
bit (DQ6) and PLTS bit (DQ5).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com