Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28010 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M28010
Description  1 Mbit 128K x 8 Parallel EEPROM With Software Data Protection
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28010 Datasheet(HTML) 1 Page - STMicroelectronics

  M28010 Datasheet HTML 1Page - STMicroelectronics M28010 Datasheet HTML 2Page - STMicroelectronics M28010 Datasheet HTML 3Page - STMicroelectronics M28010 Datasheet HTML 4Page - STMicroelectronics M28010 Datasheet HTML 5Page - STMicroelectronics M28010 Datasheet HTML 6Page - STMicroelectronics M28010 Datasheet HTML 7Page - STMicroelectronics M28010 Datasheet HTML 8Page - STMicroelectronics M28010 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
1/23
PRELIMINARY DATA
February 2000
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
M28010
1 Mbit (128K x 8) Parallel EEPROM
With Software Data Protection
s
Fast Access Time: 100 ns
s
Single Supply Voltage:
– 4.5 V to 5.5 V for M28010
– 2.7 V to 3.6 V for M28010-W
– 1.8 V to 2.4 V for M28010-R
s
Low Power Consumption
s
Fast BYTE and PAGE WRITE (up to 128 Bytes)
s
Enhanced Write Detection and Monitoring:
– Data Polling
– Toggle Bit
– Page Load Timer Status
s
JEDEC Approved Bytewide Pin-Out
s
Software Data Protection
s
Hardware Data Protection
s
Software Chip Erase
s
100000 Erase/Write Cycles (minimum)
s
Data Retention (minimum): 10 Years
DESCRIPTION
The M28010 devices consist of 128Kx8 bits of low
power,
parallel
EEPROM,
fabricated
with
STMicroelectronics’ proprietary double polysilicon
CMOS technology. The devices offer fast access
time, with low power dissipation, and require a
single voltage supply (5V, 3V or 2V, depending on
the option chosen).
Figure 1. Logic Diagram
AI02221
17
A0-A16
W
DQ0-DQ7
VCC
M28010
G
E
VSS
8
Table 1. Signal Names
A0-A16
Address Input
DQ0-DQ7
Data Input / Output
W
Write Enable
E
Chip Enable
G
Output Enable
VCC
Supply Voltage
VSS
Ground
PDIP32 (BA)
PLCC32 (KA)
TSOP32 (NA)
8 x 20 mm
32
1


Similar Part No. - M28010

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
M2802 VBSEMI-M2802 Datasheet
503Kb / 9P
Dual N-Channel 20 V (D-S) MOSFET
logo
List of Unclassifed Man...
M280216G013 ETC2-M280216G013 Datasheet
742Kb / 8P
Compact Indoor
M280226G004 ETC2-M280226G004 Datasheet
742Kb / 8P
Compact Indoor
M280246G400 ETC2-M280246G400 Datasheet
742Kb / 8P
Compact Indoor
logo
Enercon Technologies Eu...
M2803 ENERCON-M2803 Datasheet
661Kb / 6P
AC/DC POWER SUPPLY
Jan 14, 2023
More results

Similar Description - M28010

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M28C16 STMICROELECTRONICS-M28C16 Datasheet
129Kb / 18P
16K 2K x 8 PARALLEL EEPROM with SOFTWARE DATA PROTECTION
Nov-1997
M28C16B STMICROELECTRONICS-M28C16B Datasheet
131Kb / 17P
16 Kbit 2K x 8 Parallel EEPROM With Software Data Protection
Feb-1999
M28C17 STMICROELECTRONICS-M28C17 Datasheet
165Kb / 17P
16K 2K x 8 PARALLEL EEPROM with SOFTWARE DATA PROTECTION
Nov-1997
M28C64 STMICROELECTRONICS-M28C64 Datasheet
153Kb / 24P
64 Kbit 8K x 8 Parallel EEPROM With Software Data Protection
19-Jun-2000
M28LV64 STMICROELECTRONICS-M28LV64 Datasheet
127Kb / 18P
64K 8K x 8 LOW VOLTAGE PARALLEL EEPROM with SOFTWARE DATA PROTECTION
May-1997
logo
ATMEL Corporation
AT28C64B ATMEL-AT28C64B Datasheet
317Kb / 13P
64K (8K x 8) Parallel EEPROM with Page Write and Software Data Protection
logo
STMicroelectronics
M28LV16 STMICROELECTRONICS-M28LV16 Datasheet
123Kb / 17P
16K (2K x 8) LOW VOLTAGE PARALLEL EEPROM with SOFTWARE DATA PROTECTION
Nov-1997
logo
ATMEL Corporation
AT28C64B ATMEL-AT28C64B_06 Datasheet
297Kb / 18P
64K (8K x 8) Parallel EEPROM with Page Write and Software Data Protection
AT28C010 ATMEL-AT28C010_06 Datasheet
410Kb / 17P
1-megabit (128K x 8) Paged Parallel EEPROM
AT28C64B ATMEL-AT28C64B_09 Datasheet
313Kb / 18P
64K (8K x 8) Parallel EEPROM with Page Write and Software Data Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com