Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28010 Datasheet(PDF) 11 Page - STMicroelectronics

Part # M28010
Description  1 Mbit 128K x 8 Parallel EEPROM With Software Data Protection
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28010 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M28010 Datasheet HTML 7Page - STMicroelectronics M28010 Datasheet HTML 8Page - STMicroelectronics M28010 Datasheet HTML 9Page - STMicroelectronics M28010 Datasheet HTML 10Page - STMicroelectronics M28010 Datasheet HTML 11Page - STMicroelectronics M28010 Datasheet HTML 12Page - STMicroelectronics M28010 Datasheet HTML 13Page - STMicroelectronics M28010 Datasheet HTML 14Page - STMicroelectronics M28010 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
11/23
M28010
Table 8B. Read Mode AC Characteristics for M28010-W (3V range)
(TA = –40 to 85 °C; VCC = 2.7 to 3.6 V)
Note: 1. Output Hi-Z is defined as the point at which data is no longer driven.
Table 8C. Read Mode AC Characteristics for M28010-R (2V range)
(TA = –40 to 85 °C; VCC = 1.8 to 2.4 V)
Note: 1. Output Hi-Z is defined as the point at which data is no longer driven.
Symbol
Alt.
Parameter
Test
Condi t
ion
M28010-W
Unit
–10
–12
–15
Min
Max
Min
Max
Min
Max
tAVQV
tACC
Address Valid to Output Valid
E= VIL,
G= VIL
100
120
150
ns
tELQV
tCE
Chip Enable Low to Output Valid
G= VIL
100
120
150
ns
tGLQV
tOE
Output Enable Low to Output Valid
E = VIL
70
80
100
ns
tEHQZ
1
tDF
Chip Enable High to Output Hi-Z
G = VIL
050
0
60070
ns
tGHQZ
1
tDF
Output Enable High to Output Hi-Z
E=VIL
050
0
60070
ns
tAXQX
tOH
Address Transition to Output
Transition
E= VIL,
G= VIL
000
ns
Symbol
Alt.
Parameter
Test
Condi t
ion
M28010-R
Unit
–20
–25
Min
Max
Min
Max
tAVQV
tACC
Address Valid to Output Valid
E= VIL,
G= VIL
200
250
ns
tELQV
tCE
Chip Enable Low to Output Valid
G= VIL
200
250
ns
tGLQV
tOE
Output Enable Low to Output Valid
E = VIL
80
90
ns
tEHQZ
1
tDF
Chip Enable High to Output Hi-Z
G = VIL
0
50
0
60
ns
tGHQZ
1
tDF
Output Enable High to Output Hi-Z
E=VIL
0
50
0
60
ns
tAXQX
tOH
Address Transition to Output
Transition
E= VIL,
G= VIL
00
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com