Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28010 Datasheet(PDF) 10 Page - STMicroelectronics

Part # M28010
Description  1 Mbit 128K x 8 Parallel EEPROM With Software Data Protection
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28010 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M28010 Datasheet HTML 6Page - STMicroelectronics M28010 Datasheet HTML 7Page - STMicroelectronics M28010 Datasheet HTML 8Page - STMicroelectronics M28010 Datasheet HTML 9Page - STMicroelectronics M28010 Datasheet HTML 10Page - STMicroelectronics M28010 Datasheet HTML 11Page - STMicroelectronics M28010 Datasheet HTML 12Page - STMicroelectronics M28010 Datasheet HTML 13Page - STMicroelectronics M28010 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
M28010
10/23
Table 6. Input and Output Parameters1 (TA =25 °C, f = 1 MHz)
Note: 1. Sampled only, not 100% tested.
Symbol
Parameter
Test Condition
Min.
Max.
Unit
CIN
Input Capacitance
VIN =0 V
6
pF
COUT
Output Capacitance
VOUT =0 V
12
pF
Table 7. AC Measurement Conditions
Input Rise and Fall Times
≤ 5ns
Input Pulse Voltages
0 V to VCC
Input and Output Timing Ref. Voltages
VCC/2
Figure 9. AC Testing Input Output Waveforms
AI02228
VCC
0V
VCC/2
Figure 10. AC Testing Equivalent Load Circuit
AI02578
OUT
CL = 30pF
CL includes JIG capacitance
IOL
DEVICE
UNDER
TEST
IOH
Table 8A. Read Mode AC Characteristics for M28010 (5V range)
(TA = –40 to 85 °C; VCC = 4.5 to 5.5 V)
Note: 1. Output Hi-Z is defined as the point at which data is no longer driven.
Symbol
Alt.
Parameter
Test
Condi t
ion
M28010
Unit
–10
–12
Min
Max
Min
Max
tAVQV
tACC
Address Valid to Output Valid
E= VIL,
G= VIL
100
120
ns
tELQV
tCE
Chip Enable Low to Output Valid
G= VIL
100
120
ns
tGLQV
tOE
Output Enable Low to Output Valid
E=VIL
40
45
ns
tEHQZ
1
tDF
Chip Enable High to Output Hi-Z
G= VIL
0
40
0
45
ns
tGHQZ
1
tDF
Output Enable High to Output Hi-Z
E=VIL
0
40
0
45
ns
tAXQX
tOH
Address Transition to Output
Transition
E= VIL,
G= VIL
00
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com