Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28010 Datasheet(PDF) 18 Page - STMicroelectronics

Part # M28010
Description  1 Mbit 128K x 8 Parallel EEPROM With Software Data Protection
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28010 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button M28010 Datasheet HTML 14Page - STMicroelectronics M28010 Datasheet HTML 15Page - STMicroelectronics M28010 Datasheet HTML 16Page - STMicroelectronics M28010 Datasheet HTML 17Page - STMicroelectronics M28010 Datasheet HTML 18Page - STMicroelectronics M28010 Datasheet HTML 19Page - STMicroelectronics M28010 Datasheet HTML 20Page - STMicroelectronics M28010 Datasheet HTML 21Page - STMicroelectronics M28010 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
M28010
18/23
Table 10. Ordering Information Scheme
Note: 1. This temperature range on request only.
Example:
M28010
10
W
KA
6
T
Option
T
Tape & Reel Packing
Speed
-10
100 ns
Temperature Range
-12
120 ns
11
0to 70
°C
-15
150 ns
6
–40 to 85
°C
-20
200 ns
-25
250 ns
Operating Voltage
Package
blank 4.5 V to 5.5 V
BA
PDIP32
W
2.7 V to 3.6 V
KA
PLCC32
R
1.8 V to 2.4 V
NA
TSOP32: 8 x 20mm
ORDERING INFORMATION
Devices are shipped from the factory with the
memory content set at all ‘1’s (FFh).
The notation used for the device number is as
shown in Table 10. For a list of available options
(speed, package, etc.) or for further information on
any aspect of this device, please contact the ST
Sales Office nearest to you.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com