Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28C64 Datasheet(PDF) 8 Page - STMicroelectronics

Part # M28C64
Description  64 Kbit 8K x 8 Parallel EEPROM With Software Data Protection
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28C64 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button M28C64 Datasheet HTML 4Page - STMicroelectronics M28C64 Datasheet HTML 5Page - STMicroelectronics M28C64 Datasheet HTML 6Page - STMicroelectronics M28C64 Datasheet HTML 7Page - STMicroelectronics M28C64 Datasheet HTML 8Page - STMicroelectronics M28C64 Datasheet HTML 9Page - STMicroelectronics M28C64 Datasheet HTML 10Page - STMicroelectronics M28C64 Datasheet HTML 11Page - STMicroelectronics M28C64 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
M28C64
8/24
Table 6A. Read Mode DC Characteristics for M28C64 and M28C64-A (5V range)
(TA = 0 to 70 °C or –40 to 85 °C or –40 to 125 °C; VCC = 4.5 to 5.5 V)
Note: 1. All inputs and outputs open circuit.
Table 6B. Read Mode DC Characteristics for M28C64-xxW (3V range)
(TA = 0 to 70 °C or –40 to 85 °C; VCC = 2.7 to 3.6 V)
Note: 1. All inputs and outputs open circuit.
Symbol
Parameter
Test Condi tion
Min.
Max.
Unit
ILI
Input Leakage Current
0 V
≤ VIN ≤ VCC
10
µA
ILO
Output Leakage Current
0 V
≤ VOUT ≤ VCC
10
µA
ICC
1
Supply Current (TTL inputs)
E = VIL,G= VIL , f = 5 MHz
30
mA
Supply Current (CMOS inputs)
E= VIL,G= VIL , f = 5 MHz
25
mA
ICC1
1
Supply Current (Stand-by) TTL
E=VIH
1mA
ICC2
1
Supply Current (Stand-by) CMOS
E > VCC - 0.3V
100
µA
VIL
Input Low Voltage
-0.3
0.8
V
VIH
Input High Voltage
2
VCC + 0.5
V
VOL
Output Low Voltage
IOL = 2.1 mA
0.4
V
VOH
Output High Voltage
IOH = -400
µA
2.4
V
Symbol
Parameter
Test Condi tion
Min.
Max.
Unit
ILI
Input Leakage Current
0V
≤ VIN ≤ VCC
10
µA
ILO
Output Leakage Current
0 V
≤ VOUT ≤ VCC
10
µA
ICC 1
Supply Current (CMOS inputs)
E=VIL,G = VIL , f = 5 MHz, VCC = 3.3V
8
mA
E=VIL,G = VIL , f = 5 MHz, VCC = 3.6V
10
mA
ICC2
1
Supply Current (Stand-by) CMOS
E > VCC - 0.3V
20
µA
VIL
Input Low Voltage
-0.3
0.6
V
VIH
Input High Voltage
2
VCC + 0.5
V
VOL
Output Low Voltage
IOL = 1.6 mA
0.2 VCC
V
VOH
Output High Voltage
IOH = -400
µA
0.8 VCC
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com