Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T128Y Datasheet (PDF) - STMicroelectronics

M48T128Y Datasheet PDF - STMicroelectronics
Part # M48T128Y
Download  M48T128Y Download
File Size   355.79 Kbytes
Page   23 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 5.0 V, 1 Mbit (128 Kb x 8) TIMEKEEPER® SRAM

M48T128Y Datasheet (PDF)

Go To PDF Page Download Datasheet
M48T128Y Datasheet PDF - STMicroelectronics

Part # M48T128Y
Download  M48T128Y Click to download

File Size   355.79 Kbytes
Page   23 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 5.0 V, 1 Mbit (128 Kb x 8) TIMEKEEPER® SRAM

M48T128Y Datasheet (HTML) - STMicroelectronics


M48T128Y Product details

Features
■ Integrated, ultra low power SRAM, real-time
clock, power-fail control circuit, battery, and
crystal
■ BCD coded year, month, day, date, hours,
minutes, and seconds
■ Automatic power-fail chip deselect and WRITE
protection
■ WRITE protect voltage
VCC = 4.5 to 5.5 V; 4.1 V ≤ VPFD ≤ 4.5 V
(VPFD = power-fail deselect voltage)
■ Conventional SRAM operation; unlimited
WRITE cycles
■ Software-controlled clock calibration for high
accuracy applications
■ 10 years of data retention and clock operation
in the absence of power
■ Self-contained battery and crystal in the DIP
package
■ Pin and function compatible with JEDEC
standard 128 K x 8 SRAMs
■ RoHS compliant
– Lead-free second level interconnect




Similar Part No. - M48T128Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48T128Y STMICROELECTRONICS-M48T128Y Datasheet
340Kb / 22P
3.3V-5V 1 Mbit 128Kb x8 TIMEKEEPER SRAM
07-Aug-2002
M48T128Y STMICROELECTRONICS-M48T128Y Datasheet
364Kb / 23P
5.0 or 3.3 V, 1 Mbit (128 Kb x 8) TIMEKEEPER® SRAM
18-Jun-2010
M48T128Y-70PM1 STMICROELECTRONICS-M48T128Y-70PM1 Datasheet
340Kb / 22P
3.3V-5V 1 Mbit 128Kb x8 TIMEKEEPER SRAM
07-Aug-2002
M48T128Y-70PM1 STMICROELECTRONICS-M48T128Y-70PM1 Datasheet
364Kb / 23P
5.0 or 3.3 V, 1 Mbit (128 Kb x 8) TIMEKEEPER® SRAM
18-Jun-2010
M48T128Y-70PM1TR STMICROELECTRONICS-M48T128Y-70PM1TR Datasheet
340Kb / 22P
3.3V-5V 1 Mbit 128Kb x8 TIMEKEEPER SRAM
07-Aug-2002
More results


Similar Description - M48T128Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48T58Y STMICROELECTRONICS-M48T58Y Datasheet
183Kb / 27P
5.0V, 64 Kbit (8 Kb x 8) TIMEKEEPER SRAM
20-May-2002
logo
Hanbit Electronics Co.,...
HMNR1288D HANBIT-HMNR1288D Datasheet
315Kb / 14P
5.0 or 3.3V, 1 Mbit (128 Kbit x 8) TIMEKEEPER NVSRAM
logo
STMicroelectronics
M48T58 STMICROELECTRONICS-M48T58_07 Datasheet
259Kb / 31P
5.0V, 64 Kbit (8 Kb x 8) TIMEKEEPER SRAM
30-Aug-2007
M48T129Y STMICROELECTRONICS-M48T129Y_05 Datasheet
481Kb / 30P
5.0 or 3.3V, 1 Mbit (128 Kbit x 8) TIMEKEEPER SRAM
Feb-2005
M48Z129Y STMICROELECTRONICS-M48Z129Y_05 Datasheet
302Kb / 16P
5.0V OR 3.3V, 1 Mbit (128 Kb x 8) ZEROPOWER SRAM
Mar-2005
M48T129Y STMICROELECTRONICS-M48T129Y_10 Datasheet
445Kb / 28P
5.0 or 3.3 V, 1 Mbit (128 Kbit x 8) TIMEKEEPER짰 SRAM
09-Jun-2010
M48T128Y STMICROELECTRONICS-M48T128Y_10 Datasheet
364Kb / 23P
5.0 or 3.3 V, 1 Mbit (128 Kb x 8) TIMEKEEPER® SRAM
18-Jun-2010
M48Z128 STMICROELECTRONICS-M48Z128_10 Datasheet
339Kb / 20P
5.0 V or 3.3 V, 1 Mbit (128 Kbit x 8) ZEROPOWER® SRAM
20-Jul-2010
M48Z129Y STMICROELECTRONICS-M48Z129Y_10 Datasheet
324Kb / 20P
5.0 V or 3.3 V, 1 Mbit (128 Kb x 8) ZEROPOWER® SRAM
23-Jun-2010
logo
DLG Hanbit co.,Ltd.
HMNR1288D DLGHANBIT-HMNR1288D Datasheet
727Kb / 11P
5.0 or 3.3V, 1 Mbit (128 Kbit x 8) TIMEKEEPER NVSRAM
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com