Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T128Y Datasheet(PDF) 5 Page - STMicroelectronics

Part # M48T128Y
Description  5.0 V, 1 Mbit (128 Kb x 8) TIMEKEEPER® SRAM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T128Y Datasheet(HTML) 5 Page - STMicroelectronics

  M48T128Y Datasheet HTML 1Page - STMicroelectronics M48T128Y Datasheet HTML 2Page - STMicroelectronics M48T128Y Datasheet HTML 3Page - STMicroelectronics M48T128Y Datasheet HTML 4Page - STMicroelectronics M48T128Y Datasheet HTML 5Page - STMicroelectronics M48T128Y Datasheet HTML 6Page - STMicroelectronics M48T128Y Datasheet HTML 7Page - STMicroelectronics M48T128Y Datasheet HTML 8Page - STMicroelectronics M48T128Y Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
M48T128Y
Description
Doc ID 5746 Rev 7
5/23
1
Description
The M48T128Y TIMEKEEPER® RAM is a 128 Kb x 8 non-volatile static RAM and real-time
clock. The special DIP package provides a fully integrated battery-backed memory and real-
time clock solution. The M48T128Y directly replaces industry standard 128 Kb x 8 SRAM.
It also provides the non-volatility of Flash without any requirement for special WRITE timing
or limitations on the number of WRITEs that can be performed. The 32-pin, 600 mil DIP
hybrid houses a controller chip, SRAM, quartz crystal, and a long-life lithium button cell in a
single package.
Figure 1.
Logic diagram
Table 1.
Signal names
A0-A16
Address inputs
DQ0-DQ7
Data inputs / outputs
E
Chip enable
G
Output enable
W
WRITE enable
VCC
Supply voltage
VSS
Ground
NC
Not connected internally
AI02244
17
A0-A16
DQ0-DQ7
VCC
M48T128Y
G
VSS
8
E
W
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com