Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S24CS0 Datasheet (PDF) - Seiko Instruments Inc

S24CS0 Datasheet PDF - Seiko Instruments Inc
Part # S24CS0
Download  S24CS0 Download
File Size   683.21 Kbytes
Page   47 Pages
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc
Description 2-WIRE CMOS SERIAL E2PROM

S24CS0 Datasheet (PDF)

Go To PDF Page Download Datasheet
S24CS0 Datasheet PDF - Seiko Instruments Inc

Part # S24CS0
Download  S24CS0 Click to download

File Size   683.21 Kbytes
Page   47 Pages
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc
Description 2-WIRE CMOS SERIAL E2PROM

S24CS0 Datasheet (HTML) - Seiko Instruments Inc


S24CS0 Product details

The S-24CS01A/02A/04A H series is a high temperature operation 2-wire serial E2PROM for automotive components. The S-24CS01A/02A/04A H series has the capacity of 1 K-bit, 2 K-bit and 4 K-bit, and the organization is 128 words × 8 bits, 256 words × 8 bits and 512 words × 8 bits.
Page write and sequential read are available.

Caution Before using the product in automobile control unit or medical equipment, contact to ABLIC Inc. is indispensable.

■ Features
• Operating voltage range:
   Read 2.55 V to 5.5 V (Ta = −40°C to +105°C)
   Write 2.55 V to 5.5 V (Ta = −40°C to +105°C)
• Page write:
   8 bytes / page (S-24CS01A/02A)
   16 bytes / page (S-24CS04A)
• Sequential read
• Operating Frequency:
   400 kHz (VCC = 2.55 V to 5.5 V, Ta = −40°C to +85°C)
   350 kHz (VCC = 2.55 V to 5.5 V, Ta = +85°C to +105°C)
• Write time: 10.0 ms max.
• Write protect function during the low power supply voltage
• Endurance:
   106 cycles/word*1 (Ta = +85°C)
   5 × 105 cycles/word*1 (Ta = +105°C)
• Data retention: 100 years (Ta = +25°C)
   20 years (Ta = +105°C)
• Memory capacity:
   S-24CS01A 1 Kbit
   S-24CS02A 2 Kbit
   S-24CS04A 4 Kbit
• Write protect: 100%
• Initial delivery state: FFh
• Operation temperature range: Ta = −40°C to +105°C
• Lead-free (Sn 100%), halogen-free
   *1. For each address (Word: 8-bit)

■ Packages
• 8-Pin SOP(JEDEC)
• 8-Pin TSSOP
• TMSOP-8




Similar Part No. - S24CS0

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S24CS0 ABLIC-S24CS0 Datasheet
456Kb / 37P
FOR AUTOMOTIVE 105째C OPERATION 2-WIRE SERIAL E2PROM
Rev.3.1_03
logo
Seiko Instruments Inc
S24CS01A SII-S24CS01A Datasheet
559Kb / 46P
S24CS01A
More results


Similar Description - S24CS0

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-24C02BPPHL SII-S-24C02BPPHL Datasheet
359Kb / 39P
2-WIRE CMOS SERIAL E2PROM
S-24C04BPHAL SII-S-24C04BPHAL Datasheet
353Kb / 38P
2-WIRE CMOS SERIAL E2PROM
S-24CS16A SII-S-24CS16A Datasheet
628Kb / 53P
2-WIRE CMOS SERIAL E2PROM
S-24CS64A SII-S-24CS64A Datasheet
488Kb / 44P
2-WIRE CMOS SERIAL E2PROM
S-24CS16A0I-T8T1G SII-S-24CS16A0I-T8T1G Datasheet
579Kb / 46P
2-WIRE CMOS SERIAL E2PROM
S-24C02D SII-S-24C02D Datasheet
1Mb / 47P
2-WIRE SERIAL E2PROM
S24C256C SII-S24C256C Datasheet
1Mb / 35P
2-WIRE SERIAL E2PROM
logo
ABLIC Inc.
S-24C32C ABLIC-S-24C32C Datasheet
649Kb / 44P
2-WIRE SERIAL E2PROM
Rev.4.0_03_H
S-24C256C ABLIC-S-24C256C Datasheet
496Kb / 35P
2-WIRE SERIAL E2PROM
Rev.2.0_03_S
S-24C512C ABLIC-S-24C512C Datasheet
493Kb / 35P
2-WIRE SERIAL E2PROM
Rev.2.0_03_S
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com