Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC126 Datasheet (PDF) - STMicroelectronics

M74HC126 Datasheet PDF - STMicroelectronics
Part # M74HC126
Download  M74HC126 Download
File Size   510.65 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Quad bus buffer (3-state)

M74HC126 Datasheet (PDF)

Go To PDF Page Download Datasheet
M74HC126 Datasheet PDF - STMicroelectronics

Part # M74HC126
Download  M74HC126 Click to download

File Size   510.65 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Quad bus buffer (3-state)

M74HC126 Datasheet (HTML) - STMicroelectronics


M74HC126 Product details

Features
• High-speed:
tPD = 8 ns (typ.) at VCC = 6 V
• Low power dissipation:
ICC = 4 μA (max.) at TA = 25 °C
• High noise immunity:
VNIH = VNIL = 28 % VCC (min)
• Symmetrical output impedance:
|IOH| = IOL = 6 mA (min.)
• Balanced propagation delays:
tPLH ≅ tPHL
• Wide operating voltage range:
VCC (opr) = 2 V to 6 V
• Pin and function compatible with 74 series 126
• ESD performance
– CDM: 1 kV
– HBM: 2 kV
– MM: 200 V




Similar Part No. - M74HC126

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC126 STMICROELECTRONICS-M74HC126 Datasheet
256Kb / 9P
QUAD BUS BUFFERS 3-STATE
March 2004
M74HC126 STMICROELECTRONICS-M74HC126 Datasheet
184Kb / 10P
QUAD BUS BUFFER (3-STATE)
August 2001
M74HC126B1R STMICROELECTRONICS-M74HC126B1R Datasheet
256Kb / 9P
QUAD BUS BUFFERS 3-STATE
March 2004
M74HC126B1R STMICROELECTRONICS-M74HC126B1R Datasheet
184Kb / 10P
QUAD BUS BUFFER (3-STATE)
August 2001
M74HC126C1R STMICROELECTRONICS-M74HC126C1R Datasheet
256Kb / 9P
QUAD BUS BUFFERS 3-STATE
March 2004
More results


Similar Description - M74HC126

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC125 HITACHI-HD74HC125 Datasheet
49Kb / 10P
Quad. Bus Buffer Gates (with 3-state outputs)
logo
STMicroelectronics
M74HC126 STMICROELECTRONICS-M74HC126 Datasheet
184Kb / 10P
QUAD BUS BUFFER (3-STATE)
August 2001
M54HC125 STMICROELECTRONICS-M54HC125 Datasheet
117Kb / 9P
RAD-HARD QUAD BUS BUFFER (3-STATE)
Mar-2004
M74HCT125B1R STMICROELECTRONICS-M74HCT125B1R Datasheet
178Kb / 9P
QUAD BUS BUFFER (3-STATE)
Aug-2001
M74HCT126 STMICROELECTRONICS-M74HCT126 Datasheet
171Kb / 9P
QUAD BUS BUFFER (3-STATE)
Aug-2001
M74HCT125 STMICROELECTRONICS-M74HCT125_01 Datasheet
172Kb / 9P
QUAD BUS BUFFER (3-STATE)
Aug-2001
M74HC125 STMICROELECTRONICS-M74HC125_01 Datasheet
179Kb / 10P
QUAD BUS BUFFER (3-STATE)
Aug-2001
logo
Renesas Technology Corp
HD74LV125A RENESAS-HD74LV125A Datasheet
80Kb / 10P
Quad. Bus Buffer Gates with 3-state Outputs
RD74LVC126B RENESAS-RD74LVC126B Datasheet
99Kb / 9P
Quad. Bus Buffer Gates with 3-state Outputs
HD74LV126A RENESAS-HD74LV126A_15 Datasheet
100Kb / 12P
Quad. Bus Buffer Gates with 3-state Outputs
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com