Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC126 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HC126
Description  Quad bus buffer (3-state)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC126 Datasheet(HTML) 1 Page - STMicroelectronics

  M74HC126 Datasheet HTML 1Page - STMicroelectronics M74HC126 Datasheet HTML 2Page - STMicroelectronics M74HC126 Datasheet HTML 3Page - STMicroelectronics M74HC126 Datasheet HTML 4Page - STMicroelectronics M74HC126 Datasheet HTML 5Page - STMicroelectronics M74HC126 Datasheet HTML 6Page - STMicroelectronics M74HC126 Datasheet HTML 7Page - STMicroelectronics M74HC126 Datasheet HTML 8Page - STMicroelectronics M74HC126 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
This is information on a product in full production.
December 2013
DocID8021 Rev 3
1/14
M74HC126
Quad bus buffer (3-state)
Datasheet
- production data
Features
• High-speed:
tPD = 8 ns (typ.) at VCC = 6 V
• Low power dissipation:
ICC = 4 μA (max.) at TA = 25 °C
• High noise immunity:
VNIH = VNIL = 28 % VCC (min)
• Symmetrical output impedance:
|IOH| = IOL = 6 mA (min.)
• Balanced propagation delays:
tPLH ≅ tPHL
• Wide operating voltage range:
VCC (opr) = 2 V to 6 V
• Pin and function compatible with 74 series 126
• ESD performance
–CDM: 1 kV
–HBM: 2 kV
– MM: 200 V
Description
The M74HC126 is a high-speed CMOS quad
buffer (3-state) fabricated with silicon gate
C2MOS technology.
The device requires the 3-state control input, G, to
be set high to place the output into high
impedance state.
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
SO14
TSSOP14
Table 1. Device summary
Order code
Temp. range
Package
Packaging
Marking
M74HC126RM13TR
-55 °C to 125 °C
S014
Tape and reel
74HC126
M74HC126YRM13TR(1)
1. Qualification and characterization according to AEC Q100 and Q003 or equivalent, advanced screening according to AEC
Q001 and Q002 or equivalent.
-40 °C to 125 °C
SO14 (automotive grade)
74HC126Y
M74HC126TTR
-55 °C to 125 °C
TSSOP14
HC126
M74HC126YTTR(1)
-40 °C to 125 °C
TSSOP14 (automotive grade)
HC126Y
www.st.com


Similar Part No. - M74HC126

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC126 STMICROELECTRONICS-M74HC126 Datasheet
256Kb / 9P
QUAD BUS BUFFERS 3-STATE
March 2004
M74HC126 STMICROELECTRONICS-M74HC126 Datasheet
184Kb / 10P
QUAD BUS BUFFER (3-STATE)
August 2001
M74HC126B1R STMICROELECTRONICS-M74HC126B1R Datasheet
256Kb / 9P
QUAD BUS BUFFERS 3-STATE
March 2004
M74HC126B1R STMICROELECTRONICS-M74HC126B1R Datasheet
184Kb / 10P
QUAD BUS BUFFER (3-STATE)
August 2001
M74HC126C1R STMICROELECTRONICS-M74HC126C1R Datasheet
256Kb / 9P
QUAD BUS BUFFERS 3-STATE
March 2004
More results

Similar Description - M74HC126

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC125 HITACHI-HD74HC125 Datasheet
49Kb / 10P
Quad. Bus Buffer Gates (with 3-state outputs)
logo
STMicroelectronics
M74HC126 STMICROELECTRONICS-M74HC126 Datasheet
184Kb / 10P
QUAD BUS BUFFER (3-STATE)
August 2001
M54HC125 STMICROELECTRONICS-M54HC125 Datasheet
117Kb / 9P
RAD-HARD QUAD BUS BUFFER (3-STATE)
Mar-2004
M74HCT125B1R STMICROELECTRONICS-M74HCT125B1R Datasheet
178Kb / 9P
QUAD BUS BUFFER (3-STATE)
Aug-2001
M74HCT126 STMICROELECTRONICS-M74HCT126 Datasheet
171Kb / 9P
QUAD BUS BUFFER (3-STATE)
Aug-2001
M74HCT125 STMICROELECTRONICS-M74HCT125_01 Datasheet
172Kb / 9P
QUAD BUS BUFFER (3-STATE)
Aug-2001
M74HC125 STMICROELECTRONICS-M74HC125_01 Datasheet
179Kb / 10P
QUAD BUS BUFFER (3-STATE)
Aug-2001
logo
Renesas Technology Corp
HD74LV125A RENESAS-HD74LV125A Datasheet
80Kb / 10P
Quad. Bus Buffer Gates with 3-state Outputs
RD74LVC126B RENESAS-RD74LVC126B Datasheet
99Kb / 9P
Quad. Bus Buffer Gates with 3-state Outputs
HD74LV126A RENESAS-HD74LV126A_15 Datasheet
100Kb / 12P
Quad. Bus Buffer Gates with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com