Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC126 Datasheet(PDF) 13 Page - STMicroelectronics

Part # M74HC126
Description  Quad bus buffer (3-state)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC126 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M74HC126 Datasheet HTML 6Page - STMicroelectronics M74HC126 Datasheet HTML 7Page - STMicroelectronics M74HC126 Datasheet HTML 8Page - STMicroelectronics M74HC126 Datasheet HTML 9Page - STMicroelectronics M74HC126 Datasheet HTML 10Page - STMicroelectronics M74HC126 Datasheet HTML 11Page - STMicroelectronics M74HC126 Datasheet HTML 12Page - STMicroelectronics M74HC126 Datasheet HTML 13Page - STMicroelectronics M74HC126 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
DocID8021 Rev 3
13/14
M74HC126
Ordering information
14
5
Ordering information
6
Revision history
Table 12. Order codes
Order code
Temp. range
Package
Packaging
Marking
M74HC126RM13TR
-55 °C to 125 °C
S014
Tape and reel
74HC126
M74HC126YRM13TR(1)
1. Qualification and characterization according to AEC Q100 and Q003 or equivalent, advanced screening according to AEC
Q001 and Q002 or equivalent.
-40 °C to 125 °C
SO14 (automotive grade)
74HC126Y
M74HC126TTR
-55 °C to 125 °C
TSSOP14
HC126
M74HC126YTTR(1)
-40 °C to 125 °C
TSSOP14 (automotive grade)
HC126Y
Table 13. Document revision history
Date
Revision
Changes
Aug-2001
1
Initial release.
13-Dec-2013
3
Removed DIP14 package
Features: added ESD information
Table 1: Device summary: updated order codes, added automotive
grade order codes, added temperature range and marking details.
Added Section 5: Ordering information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com