Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS2H100AY Datasheet (PDF) - STMicroelectronics

STPS2H100AY Datasheet PDF - STMicroelectronics
Part # STPS2H100AY
Download  STPS2H100AY Download
File Size   233.27 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive 100 V - 2 A power Schottky diode

STPS2H100AY Datasheet (PDF)

Go To PDF Page Download Datasheet
STPS2H100AY Datasheet PDF - STMicroelectronics

Part # STPS2H100AY
Download  STPS2H100AY Click to download

File Size   233.27 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive 100 V - 2 A power Schottky diode

STPS2H100AY Datasheet (HTML) - STMicroelectronics


STPS2H100AY Product details

Features
• AEC-Q101 qualified
• PPAP capable
• VRRM guaranteed from -40°C to 175°C
• Low leakage current
• Avalanche capability specified
• ECOPACK2 compliant




Similar Part No. - STPS2H100AY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS2H100A STMICROELECTRONICS-STPS2H100A Datasheet
76Kb / 6P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Nov-1998
More results


Similar Description - STPS2H100AY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS3H100UFNY STMICROELECTRONICS-STPS3H100UFNY Datasheet
206Kb / 9P
Automotive 100 V, 3 A power Schottky rectifier
Rev 1 - January 2020
STPS2H100 STMICROELECTRONICS-STPS2H100_V01 Datasheet
410Kb / 19P
100 V, 2 A power Schottky rectifier
October 2019
STPS240H100TV1Y STMICROELECTRONICS-STPS240H100TV1Y Datasheet
180Kb / 8P
Automotive 100 V, 2 x 120 A, power Schottky rectifier
12-Jun-2020
STPST10H100SB-Y STMICROELECTRONICS-STPST10H100SB-Y Datasheet
395Kb / 9P
Automotive 100 V - 10 A DPAK power Schottky trench rectifier
16-Dec-2022
STPST1H100-Y STMICROELECTRONICS-STPST1H100-Y Datasheet
447Kb / 12P
Automotive 100 V - 1 A power Schottky trench rectifier
16-Dec-2022
STPST2H100-Y STMICROELECTRONICS-STPST2H100-Y Datasheet
449Kb / 12P
Automotive 100 V - 2 A power Schottky trench rectifier
16-Dec-2022
STPST2H100 STMICROELECTRONICS-STPST2H100 Datasheet
509Kb / 14P
100 V - 2 A power Schottky trench rectifier
16-Dec-2022
STPST5H100-Y STMICROELECTRONICS-STPST5H100-Y Datasheet
592Kb / 12P
Automotive 100 V - 5 A power Schottky trench rectifier
02-Jan-2023
STPST8H100-Y STMICROELECTRONICS-STPST8H100-Y Datasheet
497Kb / 9P
Automotive 100 V - 8 A power Schottky trench rectifier
02-Jan-2023
STPST10H100 STMICROELECTRONICS-STPST10H100 Datasheet
344Kb / 8P
100 V - 10 A power Schottky trench diode
28-Jan-2021
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com