Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S-882Z Datasheet (PDF) - Seiko Instruments Inc

S-882Z Datasheet PDF - Seiko Instruments Inc
Part # S-882Z
Download  S-882Z Download
File Size   560.91 Kbytes
Page   24 Pages
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc
Description ULTRA-LOW VOLTAGE OPERATION CHARGE PUMP IC FOR STEP-UP DC-DC CONVERTER STARTUP

S-882Z Datasheet (PDF)

Go To PDF Page Download Datasheet
S-882Z Datasheet PDF - Seiko Instruments Inc

Part # S-882Z
Download  S-882Z Click to download

File Size   560.91 Kbytes
Page   24 Pages
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc
Description ULTRA-LOW VOLTAGE OPERATION CHARGE PUMP IC FOR STEP-UP DC-DC CONVERTER STARTUP

S-882Z Datasheet (HTML) - Seiko Instruments Inc


S-882Z Product details

ULTRA-LOW VOLTAGE OPERATION CHARGE PUMP IC FOR STEP-UP DC-DC CONVERTER STARTUP

The S-882Z Series is a charge pump IC for step-up DC-DC converter startup, which differs from conventional charge pump ICs, in that it uses fully depleted SOI (Silicon on Insulator) technology to enable ultra-low voltage operation.
Being capable of stepping up an extremely low input voltage of 0.3 to 0.35 V, this series enables the efficient use of very low energy levels. The stepped up electric power is stored in a startup capacitor, and it is discharged as the startup power of the step-up DC-DC converter when the startup capacitor reaches the discharge start voltage level.

Features
• Operating input voltage 0.3 to 3.0 V
• Current consumption During operation : 0.5 mA max. (at VIN = 0.3 V)
                                     During shutdown : 0.6 µA max. (at VIN = 0.3 V)
• Discharge start voltage 1.8 to 2.4 V (selectable in 0.2 V steps)
• Shutdown voltage Discharge start voltage + 0.1 V (fixed)
• Oscillation frequency 350 kHz typ. (at VIN = 0.3 V)
• Small package SOT-23-5 package
• External component Startup capacitor (CCPOUT), 1 unit*1
• Lead-free products

Applications
• Stepping up from low-voltage power supply such as solar cell and fuel cell
• Stepping up internal power supply voltage of RF tag
• Intermittent power supply to intermittently operating system




Similar Part No. - S-882Z

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8821 SII-S-8821 Datasheet
199Kb / 19P
VOLTAGE REGULATION STEP-UP CHARGE PUMP DC-DC CONVERTER
logo
ABLIC Inc.
S-8821 ABLIC-S-8821 Datasheet
424Kb / 24P
VOLTAGE REGULATION BOOST CHARGE PUMP DC-DC CONVERTER
Rev.5.1_03
logo
Seiko Instruments Inc
S-882125AMH-M2ATFG SII-S-882125AMH-M2ATFG Datasheet
199Kb / 19P
VOLTAGE REGULATION STEP-UP CHARGE PUMP DC-DC CONVERTER
S-882125AMH-M2ATFZ SII-S-882125AMH-M2ATFZ Datasheet
1Mb / 24P
VOLTAGE REGULATION
S-882125AMH-M2ATFz SII-S-882125AMH-M2ATFz Datasheet
1Mb / 24P
VOLTAGE REGULATION BOOST CHARGE PUMP DC-DC CONVERTER
More results


Similar Description - S-882Z

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62216FP MITSUBISHI-M62216FP Datasheet
72Kb / 8P
Low Voltage Operation STEP-UP DC-DC Converter
logo
Fairchild Semiconductor
FAN5602 FAIRCHILD-FAN5602 Datasheet
616Kb / 16P
Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
FAN5602 FAIRCHILD-FAN5602_07 Datasheet
840Kb / 14P
Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
logo
Renesas Technology Corp
M62216FP RENESAS-M62216FP Datasheet
164Kb / 12P
Low Voltage Operation STEP-UP DC/DC Converter
logo
Seiko Instruments Inc
S-8821 SII-S-8821 Datasheet
199Kb / 19P
VOLTAGE REGULATION STEP-UP CHARGE PUMP DC-DC CONVERTER
logo
Fairchild Semiconductor
FAN5602_0705 FAIRCHILD-FAN5602_0705 Datasheet
843Kb / 14P
Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
logo
Linear Technology
LTC3240 LINER-LTC3240 Datasheet
208Kb / 12P
3.3V/2.5V Step-Up/ Step-Down Charge Pump DC/DC Converter
LTC3240-2.5 LINER-LTC3240-2.5_15 Datasheet
213Kb / 12P
3.3V/2.5V Step-Up/ Step-Down Charge Pump DC/DC Converter
logo
Seiko Instruments Inc
S8880A SII-S8880A Datasheet
2Mb / 30P
ENERGY HARVESTING POWERED BY ULTRA-LOW POWER AND ULTRA-LOW VOLTAGE OPERATION BOOST CHARGE PUMP FOR STEP-UP DC-DC CONVERTER STARTUP
logo
ON Semiconductor
FAN5602 ONSEMI-FAN5602 Datasheet
203Kb / 12P
Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
July, 2019 ??Rev. 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com