Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD57 Datasheet (PDF) - TRINAMIC Motion Control GmbH & Co. KG.

PD57 Datasheet PDF - TRINAMIC Motion Control GmbH & Co. KG.
Part # PD57
Download  PD57 Download
File Size   1502.61 Kbytes
Page   24 Pages
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.
Description PD57/60-1276 Hardware Manual

PD57 Datasheet (PDF)

Go To PDF Page Download Datasheet
PD57 Datasheet PDF - TRINAMIC Motion Control GmbH & Co. KG.

Part # PD57
Download  PD57 Click to download

File Size   1502.61 Kbytes
Page   24 Pages
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.
Description PD57/60-1276 Hardware Manual

PD57 Datasheet (HTML) - TRINAMIC Motion Control GmbH & Co. KG.


PD57 Product details

Features
• PANdrive™ smart motor
• Supply Voltag +10 to +30V DC
• CAN bus interface
• TMCL or CANopen protocol
• Integrated sixPoint™ ramp motion
controller
• stealthChop™ silent PWM mode
• spreadCycle™ smart mixed decay
• stallGuard2™ load detection
• coolStep™ autom. current scaling

Applications
• Lab-Automation
• Manufacturing
• Robotics
• Factory Automation
• CNC
• Laboratory Automation

1 Features
The PANdrives™ PD57/60-1276 are full mechatronic solutions with state of the art feature set. It is highly
integrated and offers convenient handling via CAN interface. The PD57/60-1276 includes a stepper motor,
driver electronics, and a fully featured hardware motion controller. It can be used in many decentralized
applications and has been designed for 0.55. . . 3.1 Nm maximum holding torque and 24V DC nominal
supply voltage. With stealthChop™, the PD57/60-1276 offers absolutely silent and smooth motor operation
for lower and medium velocities. With spreadCycle™, the PD57/60-1276 offers a high performance current
controlled chopper mode for highest velocities with perfect zero crossing performance. With stallGuard2™,
a sensorless load detection feature is provided for automatic end step detection and load monitoring.
stallGuard2 is also used for the automatic current scaling feature coolStep™. The PD57/60-1276 comes
with a CAN bus interface and four (4) digital inputs.
1.1 General Features
Main Characteristics
• Supply Voltage +24V nom. (+10V to +30V DC)
• 3A RMS phase current (ca. 4.2A peak phase current)
• Highest micro step resolution, up to 256 micro steps per full step
• Available with enclosure and mounted to NEMA23 / 57mm or NEMA24 / 60mm 2ange size motor
• Permanent onboard parameter storage
• Advanced sixPoint™ ramp hardware motion controller
• Noiseless stealthChop™ chopper mode for slow to medium velocities
• High performance spreadCycle™ chopper mode
• High-precision sensorless load measurement with stallGuard2™
• Automatic current scaling algorithm coolStep™ to save energy and keep your drive cool
I/Os
• Home and reference switch inputs
• Enable input to power-on/-off driver H-bridges
• Optionally con1gurable analog input
• Optionally con1gurable incremental encoder inputs (quadrature channels A and B only, no N channel)
CAN Bus Interface
• Standard CAN Bus Interface for control and con1guration
• CAN bit rate of 20. . . 1000kBit/s
• TMCL-based protocol with TMCL 1rmware option
• CANopen protocol with DS402 device pro1le with CANopen 1rmware option




Similar Part No. - PD57

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
PD57 TRINAMIC-PD57 Datasheet
1Mb / 25P
PD57/60-x-1076 Hardware Manual
V1.02 2018-SEP-03
PD57 TRINAMIC-PD57 Datasheet
1Mb / 24P
PD57/60/86-1378 Hardware Manual
Revision V1.21 - 2020-APR-24
logo
Analog Devices
PD57-1-1060 AD-PD57-1-1060 Datasheet
411Kb / 1P
MECHATRONIC DRIVES WITH STEPPER MOTOR
logo
TRINAMIC Motion Control...
PD57-1-1076 TRINAMIC-PD57-1-1076 Datasheet
1Mb / 25P
PD57/60-x-1076 Hardware Manual
V1.02 2018-SEP-03
PD57-1-1160 TRINAMIC-PD57-1-1160 Datasheet
424Kb / 1P
Stepper Motor with Controller
More results


Similar Description - PD57

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD6475328CG HITACHI-HD6475328CG Datasheet
1Mb / 459P
Manual Gives a Hardware Description
logo
fujitsu semiconductor
MB90590 FUJITSU-MB90590 Datasheet
8Mb / 502P
16-BIT MICROCONTROLLER HARDWARE MANUAL
logo
Renesas Technology Corp
H8S2144 RENESAS-H8S2144 Datasheet
4Mb / 1140P
HARDWARE MANUAL
logo
Hitachi Semiconductor
SH7604 HITACHI-SH7604 Datasheet
2Mb / 633P
Hardware Manual
H83644 HITACHI-H83644 Datasheet
1Mb / 508P
H8/3644 Series Hardware Manual
HD6433937 HITACHI-HD6433937 Datasheet
1Mb / 521P
Hardware Manual
logo
Renesas Technology Corp
HD6473837H RENESAS-HD6473837H Datasheet
2Mb / 562P
Hardware Manual
logo
Analog Devices
ADF7030-1 AD-ADF7030-1 Datasheet
533Kb / 15P
Hardware Reference Manual
Rev. 0
logo
TRINAMIC Motion Control...
TMCS-20 TRINAMIC-TMCS-20 Datasheet
469Kb / 12P
Hardware Manual
TMCM-1240 TRINAMIC-TMCM-1240 Datasheet
2Mb / 28P
TMCM-1240 Hardware Manual
2020-MAY-05 V1.20
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com