Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD57 Datasheet (PDF) - TRINAMIC Motion Control GmbH & Co. KG.

PD57 Datasheet PDF - TRINAMIC Motion Control GmbH & Co. KG.
Part # PD57
Download  PD57 Download
File Size   1238.52 Kbytes
Page   24 Pages
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.
Description PD57/60/86-1378 Hardware Manual

PD57 Datasheet (PDF)

Go To PDF Page Download Datasheet
PD57 Datasheet PDF - TRINAMIC Motion Control GmbH & Co. KG.

Part # PD57
Download  PD57 Click to download

File Size   1238.52 Kbytes
Page   24 Pages
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.
Description PD57/60/86-1378 Hardware Manual

PD57 Datasheet (HTML) - TRINAMIC Motion Control GmbH & Co. KG.


PD57 Product details

Features
• PANdrive™ smart motor
• Supply Voltage +12 to +52V DC
• CAN bus interface
• TMCL™ or CANopen® protocol
• Integrated ramp motion controller
with different ramp types
• StealthChop™ silent PWM mode
• SpreadCycle™ smart mixed decay
• StallGuard2™ load detection
• CoolStep™ automatic current scaling

Applications
• Lab-Automation
• Manufacturing
• Robotics
• Factory Automation
• CNC

1 Features
The PANdrives™ PD57/60/86-1378 are full mechatronic solutions with state of the art feature set. They
are highly integrated and offer convenient handling via CAN interface. Each PD57/60/86-1378 includes
a stepper motor, driver electronics, and a fully featured hardware motion controller. It can be used in
many decentralized applications and has been designed for 0.55. . . 7 Nm maximum holding torque and
24V DC or 48V DC nominal supply voltage. With the built-in high resolution magnetic encoder and the
advanced ramp geneator chip it is mainly designed for closed-loop operation. With StealthChop™ the
PD57/60/86-1378 offers absolutely silent and smooth motor operation for lower and medium velocities.
With SpreadCycle™, the PD57/60/86-1378 offers a high performance current controlled chopper mode for
highest velocities with perfect zero crossing performance. With StallGuard2™, a sensorless load detection
feature is provided for automatic end step detection and load monitoring. StallGuard2™ is also used
for the automatic current scaling feature CoolStep™. The PD57/60/86-1378 is equipped with a CAN bus
interface and three digital inputs.
1.1 General Features
Main Characteristics
• Supply Voltage +24V or +48V nominal (+10V. . . +52V DC).
• up to 9A RMS phase current (depending on the motor).
• Highest micro step resolution, up to 256 micro steps per full step.
• Available with enclosure and mounted to NEMA23 / 57mm or NEMA24 / 60mm 2ange size motor.
• Permanent onboard TMCL program and parameter storage.
• Different kinds of ramps: trapezoidal ramps, six-point ramps and S-shaped ramps.
• Closed loop operation possible.
• Noiseless StealthChop™ chopper mode for slow to medium velocities.
• High performance SpreadCycle™ chopper mode.
• High-precision sensorless load measurement with StallGuard2™.
I/Os
• Home and reference switch inputs.
• Enable input to power-on/-off driver H-bridges.
CAN Bus Interface
• Standard CAN Bus Interface for control and con1guration
• CAN bit rate of 20. . . 1000kBit/s
• TMCL™ based protocol with TMCL 1rmware option
• CANopen® protocol with DS402 device pro1le with CANopen 1rmware option




Similar Part No. - PD57

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
PD57 TRINAMIC-PD57 Datasheet
1Mb / 25P
PD57/60-x-1076 Hardware Manual
V1.02 2018-SEP-03
PD57 TRINAMIC-PD57 Datasheet
1Mb / 24P
PD57/60-1276 Hardware Manual
V1.01 2018-JUL-18
logo
Analog Devices
PD57-1-1060 AD-PD57-1-1060 Datasheet
411Kb / 1P
MECHATRONIC DRIVES WITH STEPPER MOTOR
logo
TRINAMIC Motion Control...
PD57-1-1076 TRINAMIC-PD57-1-1076 Datasheet
1Mb / 25P
PD57/60-x-1076 Hardware Manual
V1.02 2018-SEP-03
PD57-1-1160 TRINAMIC-PD57-1-1160 Datasheet
424Kb / 1P
Stepper Motor with Controller
More results


Similar Description - PD57

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD6475328CG HITACHI-HD6475328CG Datasheet
1Mb / 459P
Manual Gives a Hardware Description
logo
fujitsu semiconductor
MB90590 FUJITSU-MB90590 Datasheet
8Mb / 502P
16-BIT MICROCONTROLLER HARDWARE MANUAL
logo
Renesas Technology Corp
H8S2144 RENESAS-H8S2144 Datasheet
4Mb / 1140P
HARDWARE MANUAL
logo
Hitachi Semiconductor
SH7604 HITACHI-SH7604 Datasheet
2Mb / 633P
Hardware Manual
H83644 HITACHI-H83644 Datasheet
1Mb / 508P
H8/3644 Series Hardware Manual
HD6433937 HITACHI-HD6433937 Datasheet
1Mb / 521P
Hardware Manual
logo
Renesas Technology Corp
HD6473837H RENESAS-HD6473837H Datasheet
2Mb / 562P
Hardware Manual
logo
Analog Devices
ADF7030-1 AD-ADF7030-1 Datasheet
533Kb / 15P
Hardware Reference Manual
Rev. 0
logo
TRINAMIC Motion Control...
TMCS-20 TRINAMIC-TMCS-20 Datasheet
469Kb / 12P
Hardware Manual
TMCM-1240 TRINAMIC-TMCM-1240 Datasheet
2Mb / 28P
TMCM-1240 Hardware Manual
2020-MAY-05 V1.20
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com