Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPAX140 Datasheet (PDF) - Texas Instruments

OPAX140 Datasheet PDF - Texas Instruments
Part # OPAX140
Download  OPAX140 Download
File Size   3025.23 Kbytes
Page   56 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPAx140 High-Precision, Low-Noise, Rail-to-Rail Output, 11-MHz, JFET Op Amps

OPAX140 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPAX140 Datasheet PDF - Texas Instruments

Part # OPAX140
Download  OPAX140 Click to download

File Size   3025.23 Kbytes
Page   56 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPAx140 High-Precision, Low-Noise, Rail-to-Rail Output, 11-MHz, JFET Op Amps

OPAX140 Datasheet (HTML) - Texas Instruments


OPAX140 Product details

1 Features
• Very-low offset drift: 1 μV/°C maximum
• Very-low offset: 120 μV
• Low input bias current: 10 pA maximum
• Very-low 1/f noise: 250 nVPP, 0.1 Hz to 10 Hz
• Low noise: 5.1 nV/√Hz
• Slew rate: 20 V/μs
• Low supply current: 2 mA maximum
• Input voltage range includes V– supply
• Single-supply operation: 4.5 V to 36 V
• Dual-supply operation: ±2.25 V to ±18 V
• No phase reversal
• Packages:
– Industry-standard SOIC, SON, SOT-23,
TSSOP, and VSSOP

2 Applications
• Intra-dc interconnect (metro)
• Semiconductor test
• Chemistry and gas analyzer
• DC power supply, ac source, electronic load
• Data acquisition (DAQ)
• Lab and field instrumentation

3 Description
The OPA140, OPA2140, and OPA4140 (OPAx140)
operational amplifier (op amp) family is a series
of low-power JFET input amplifiers that features
good drift and low input bias current. The rail-torail
output swing and input range that includes
V– allow designers to take advantage of the lownoise
characteristics of JFET amplifiers while also
interfacing to modern, single-supply, precision analogto-
digital converters (ADCs) and digital-to-analog
converters (DACs).
The OPA140 achieves 11-MHz unity-gain bandwidth
and 20-V/μs slew rate while consuming only 1.8 mA
(typical) of quiescent current. This device runs on a
single 4.5-V to 36-V supply or dual ±2.25-V to ±18-V
supplies.
All versions are fully specified from –40°C to +125°C
for use in the most challenging environments. The
OPA140 (single) is available in the 5‑pin SOT-23 8‑pin
VSSOP and 8‑pin SOIC packages. The OPA2140
(dual) is available in 8‑pin SON, 8‑pin VSSOP,
and 8‑pin SOIC packages. The OPA4140 (quad) is
available in the 14‑pin SOIC and 14‑pin TSSOP
packages.




Similar Part No. - OPAX140

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPAX140 TI-OPAX140 Datasheet
2Mb / 48P
OPAx140 High-Precision, Low-Noise, Rail-to-Rail Output, 11-MHz, JFET Op Amp
More results


Similar Description - OPAX140

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2140 TI-OPA2140 Datasheet
807Kb / 25P
High-Precision, Low-Noise, Rail-to-Rail Output 11MHz JFET Op Amp
logo
Linear Technology
LT1678 LINER-LT1678_15 Datasheet
298Kb / 16P
Dual/Quad Low Noise, Rail-to-Rail, Precision Op Amps
LT1679 LINER-LT1679_15 Datasheet
298Kb / 16P
Dual/Quad Low Noise, Rail-to-Rail, Precision Op Amps
LT6013 LINER-LT6013_15 Datasheet
343Kb / 16P
Rail-to-Rail Output Precision Op Amps
LT6014 LINER-LT6014_15 Datasheet
343Kb / 16P
Rail-to-Rail Output Precision Op Amps
LT1806 LINER-LT1806_15 Datasheet
343Kb / 28P
Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
logo
Texas Instruments
OPA140 TI-OPA140_15 Datasheet
1Mb / 44P
High-Precision, Low-Noise, Rail-to-Rail Output,11-MHz JFET Op Amp
logo
Analog Devices
ADA4610-1 AD-ADA4610-1_16 Datasheet
750Kb / 25P
Low Noise, Precision, Rail-to-Rail Output, JFET Single/Dual/Quad Op Amps
Rev. G
logo
Texas Instruments
OPA140 TI-OPA140_V01 Datasheet
2Mb / 48P
OPAx140 High-Precision, Low-Noise, Rail-to-Rail Output, 11-MHz, JFET Op Amp
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com