Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPAX140 Datasheet(PDF) 8 Page - Texas Instruments

Part # OPAX140
Description  OPAx140 High-Precision, Low-Noise, Rail-to-Rail Output, 11-MHz, JFET Op Amps
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPAX140 Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPAX140 Datasheet HTML 4Page - Texas Instruments OPAX140 Datasheet HTML 5Page - Texas Instruments OPAX140 Datasheet HTML 6Page - Texas Instruments OPAX140 Datasheet HTML 7Page - Texas Instruments OPAX140 Datasheet HTML 8Page - Texas Instruments OPAX140 Datasheet HTML 9Page - Texas Instruments OPAX140 Datasheet HTML 10Page - Texas Instruments OPAX140 Datasheet HTML 11Page - Texas Instruments OPAX140 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
6.7 Electrical Characteristics (continued)
at TA = 25°C, VS = 4.5 V (±2.25) to 36 V (±18 V), RL = 2 kΩ connected to midsupply, and VCM = VOUT = midsupply (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLY
IQ
Quiescent current per
amplifier
IO = 0 mA
1.8
2
mA
TA = –40°C to +125°C
2.7
CHANNEL SEPARATION
Channel separation
At dc
0.02
µV/V
At 100 kHz
10
6.8 Typical Characteristics
at TA = 25°C, VS = ±18 V, RL = 2 kΩ connected to midsupply, and VCM = VOUT = midsupply (unless otherwise noted)
Table 6-1. Table of Graphs
DESCRIPTION
FIGURE
Offset Voltage Production Distribution
Figure 6-1
Offset Voltage Drift Distribution
Figure 6-2
Offset Voltage vs Common-Mode Voltage (Maximum Supply)
Figure 6-3
Input Offset Voltage vs Temperature
Figure 6-4
IB vs Common-Mode Voltage
Figure 6-5
Output Voltage Swing vs Output Current
Figure 6-6
CMRR and PSRR vs Frequency (RTI)
Figure 6-7
Common-Mode Rejection Ratio vs Temperature
Figure 6-8
0.1-Hz to 10-Hz Noise
Figure 6-9
Input Voltage Noise Density vs Frequency
Figure 6-10
THD+N Ratio vs Frequency (80-kHz AP Bandwidth)
Figure 6-11
THD+N Ratio vs Output Amplitude
Figure 6-12
Quiescent Current vs Temperature
Figure 6-13
Quiescent Current vs Supply Voltage
Figure 6-14
Gain and Phase vs Frequency
Figure 6-15
Closed-Loop Gain vs Frequency
Figure 6-16
Open-Loop Gain vs Temperature
Figure 6-17
Open-Loop Output Impedance vs Frequency
Figure 6-18
Small-Signal Overshoot vs Capacitive Load (G = 1)
Figure 6-19
Small-Signal Overshoot vs Capacitive Load (G = –1)
Figure 6-20
No Phase Reversal
Figure 6-21
Maximum Output Voltage vs Frequency
Figure 6-22
Positive Overload Recovery
Figure 6-23
Negative Overload Recovery
Figure 6-24
Large-Signal Positive and Negative Settling Time
Figure 6-25,
Figure 6-26
Small-Signal Step Response (G = 1)
Figure 6-27
Small-Signal Step Response (G = –1)
Figure 6-28
Large-Signal Step Response (G = 1)
Figure 6-29
Large-Signal Step Response (G = –1)
Figure 6-30
Short-Circuit Current vs Temperature
Figure 6-31
OPA140, OPA2140, OPA4140
SBOS498F – JUNE 2010 – REVISED MARCH 2023
www.ti.com
8
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: OPA140 OPA2140 OPA4140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com