Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA210 Datasheet (PDF) - Texas Instruments

OPA210 Datasheet PDF - Texas Instruments
Part # OPA210
Download  OPA210 Download
File Size   2628.72 Kbytes
Page   44 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPAx210 2.2-nV/√Hz Precision, Low-Power, 36-V Operational Amplifiers

OPA210 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA210 Datasheet PDF - Texas Instruments

Part # OPA210
Download  OPA210 Click to download

File Size   2628.72 Kbytes
Page   44 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPAx210 2.2-nV/√Hz Precision, Low-Power, 36-V Operational Amplifiers

OPA210 Datasheet (HTML) - Texas Instruments


OPA210 Product details

1 Features
• Precision super beta input performance:
– Low offset voltage: 5 μV (typical)
– Ultra-low drift: 0.1 μV/°C (typical)
– Low input bias current: 0.3 nA (typical)
• Ultra-low noise:
– Low 0.1-Hz to 10-Hz noise: 90 nVPP
– Low voltage noise: 2.2 nV/√ Hz at 1 kHz
• High CMRR: 132 dB (minimum)
• Gain bandwidth product: 18 MHz
• Slew rate: 6.4 V/μs
• Low quiescent current: 2.5 mA/channel (maximum)
• Short-circuit current: ±65 mA
• Wide supply range: ±2.25 V to ±18 V
• No phase reversal
• Rail-to-rail output
• Industry-standard packages

2 Applications
• Ultrasound scanner
• Multiparameter patient monitor
• Merchant network and server PSU
• Semiconductor test
• Spectrum analyzer
• Lab and field instrumentation
• Data acquisition (DAQ)
• Professional microphone and wireless systems

3 Description
The OPA210 and OPA2210 (OPAx210) are the next
generation of OPAx209 operational amplifier (op
amp). The OPAx210 precision op amps are built
on TI's precision, super-beta, complementary bipolar
semiconductor process, which offers ultra-low flicker
noise, low offset voltage, and low offset voltage
temperature drift.
The OPAx210 achieve very low voltage noise
density (2.2 nV/√Hz) while consuming only 2.5 mA
(maximum) per amplifier. These devices also offer
rail-to-rail output swing, which helps maximize
dynamic range.
In precision data-acquisition applications, the
OPAx210 provide fast settling time to 16-bit
accuracy, even for 10-V output swings. Excellent ac
performance, combined with only 35 μV (maximum)
of offset and 0.6 μV/°C (maximum) drift over
temperature, makes the OPAx210 an excellent choice
for high-speed, high-precision applications.
The OPAx210 are specified over a wide dual powersupply
range of ±2.25 V to ±18 V, or single-supply
operation from 4.5 V to 36 V, are specified from –40°C
to +125°C.




Similar Part No. - OPA210

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA210 TI-OPA210 Datasheet
2Mb / 38P
OPAx210 2.2-nV/?숰z Precision, Low-Power, 36-V Operational Amplifiers
OPA210 TI-OPA210 Datasheet
2Mb / 42P
OPAx210 2.2-nV/?숰z Precision, Low-Power, 36-V Operational Amplifiers
OPA210 TI-OPA210 Datasheet
2Mb / 42P
OPAx210 2.2-nV/?숰z Precision, Low-Power, 36-V Operational Amplifiers
REVISED AUGUST 2021
logo
Burr-Brown (TI)
OPA2107 BURR-BROWN-OPA2107 Datasheet
685Kb / 11P
Precision Dual Difet Operational Amplifier
logo
Texas Instruments
OPA2107 TI2-OPA2107 Datasheet
842Kb / 16P
Precision Dual Difet ® Operational Amplifier
REVISED JULY 2003
More results


Similar Description - OPA210

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4004-1 AD-ADA4004-1_09 Datasheet
373Kb / 16P
1.8 nV/?숰z, 36 V Precision Amplifiers
Rev. E
logo
Texas Instruments
OPA2211-HT TI1-OPA2211-HT Datasheet
434Kb / 21P
1.1 nV/Hz Noise, Low Power, Precision Operational Amplifier
OPA2211-HT TI1-OPA2211-HT Datasheet
434Kb / 21P
1.1 nV/ Hz Noise, Low Power, Precision Operational Amplifier
logo
Analog Devices
ADA4004-1 AD-ADA4004-1_15 Datasheet
388Kb / 16P
1.8 nV/?숰z, 36 V Precision Amplifiers
Rev. H
logo
Texas Instruments
OPA2210 TI1-OPA2210 Datasheet
562Kb / 23P
2.2-nV/?숰z, Precision, Low-Power, 36-V Operational Amplifier
OPA2210 TI1-OPA2210_V01 Datasheet
1Mb / 32P
OPA2210 2.2-nV/?숰z Precision, Low-Power, 36-V Operational Amplifier
OPA2210 TI1-OPA2210_V02 Datasheet
1Mb / 36P
OPA2210 2.2-nV/?숰z Precision, Low-Power, 36-V Operational Amplifier
OPA210 TI-OPA210 Datasheet
2Mb / 38P
OPAx210 2.2-nV/?숰z Precision, Low-Power, 36-V Operational Amplifiers
OPA210 TI-OPA210_V01 Datasheet
2Mb / 42P
OPAx210 2.2-nV/?숰z Precision, Low-Power, 36-V Operational Amplifiers
OPA210 TI-OPA210_V02 Datasheet
2Mb / 42P
OPAx210 2.2-nV/?숰z Precision, Low-Power, 36-V Operational Amplifiers
REVISED AUGUST 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com