Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA396 Datasheet (PDF) - Texas Instruments

OPA396 Datasheet PDF - Texas Instruments
Part # OPA396
Download  OPA396 Download
File Size   1976.6 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPA396 Precision, Low IQ, Low Input Bias Current Op Amp

OPA396 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA396 Datasheet PDF - Texas Instruments

Part # OPA396
Download  OPA396 Click to download

File Size   1976.6 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPA396 Precision, Low IQ, Low Input Bias Current Op Amp

OPA396 Datasheet (HTML) - Texas Instruments


OPA396 Product details

1 Features
• Low IQ: 23.5 μA
• Gain bandwidth product: 1 MHz
• Low input bias current: 10 fA (typical)
• Low offset voltage: ±100 μV (maximum)
• Low drift: ±1.2 μV/°C
• Low supply voltage operation: 1.7 V to 5.5 V
• Input common mode range ±100 mV beyond rail
• Fast slew rate: 1 V/μs
• High load capacitance drive
• High output current drive: 60 mA
• Rail-to-rail output
• EMI/RFI filtered inputs
• Small packages: SC70 and WCSP (Preview)

2 Applications
• Portable electronics
• Flow transmitter
• Blood glucose monitor
• Process analytics (pH, gas, force, humidity)
• Temperature transmitter
• Pressure transmitter
• Medical sensor patches
• Building automation
• Wearable fitness and activity monitor
• Gas detector
• Analog security camera

3 Description
The OPA396 features a combination of high
bandwidth (1 MHz) along with very low quiescent
current (23.5 μA) in a high-precision amplifier. These
features combined with rail-to-rail input and output
make this device an exceptional choice in high-gain,
low-power applications. Ultra-low input bias current of
10 fA, 100 μV of offset (maximum), and 1.2 μV/°C of
drift over temperature help maintain high precision in
ratiometric and amperometric sensor front ends that
have demanding low-power requirements.
The OPA396 uses Texas Instrument's proprietary
e‑trim™ operational amplifier technology, enabling a
unique combination of ultra-low offset and low input
offset drift without the need for any input switching or
auto-zero techniques. The CMOS-based technology
platform also features a modern, robust output stage
design that is tolerant of high output capacitance,
alleviating stability problems that are common in
typical low-power amplifiers.




Similar Part No. - OPA396

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA396 TI-OPA396 Datasheet
2Mb / 30P
OPA396 Precision, Low IQ, Low Input Bias Current Op Amp
OPA396 TI2-OPA396 Datasheet
2Mb / 39P
OPAx396 Precision, Low IQ, Low Input Bias Current Op Amps
REVISED MARCH 2026
OPA396DCKR TI-OPA396DCKR Datasheet
2Mb / 30P
OPA396 Precision, Low IQ, Low Input Bias Current Op Amp
OPA396DCKR TI2-OPA396DCKR Datasheet
2Mb / 39P
OPAx396 Precision, Low IQ, Low Input Bias Current Op Amps
REVISED MARCH 2026
OPA396DCKR.A TI2-OPA396DCKR.A Datasheet
2Mb / 39P
OPAx396 Precision, Low IQ, Low Input Bias Current Op Amps
REVISED MARCH 2026
More results


Similar Description - OPA396

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1793 LINER-LT1793 Datasheet
162Kb / 12P
Low Noise, Picoampere Bias Current, JFET Input Op Amp
LT1793 LINER-LT1793_15 Datasheet
177Kb / 12P
Low Noise, Picoampere Bias Current, JFET Input Op Amp
LTC6268 LINER-LTC6268_15 Datasheet
496Kb / 24P
500MHz Ultra-Low Bias Current FET Input Op Amp
LTC6268-10 LINER-LTC6268-10_15 Datasheet
762Kb / 22P
4GHz Ultra-Low Bias Current FET Input Op Amp
LTC6269 LINER-LTC6269_15 Datasheet
496Kb / 24P
500MHz Ultra-Low Bias Current FET Input Op Amp
logo
Texas Instruments
OPA191 TI1-OPA191 Datasheet
2Mb / 45P
Low Offset Voltage, Low Input Bias Current Op Amp
OPA192 TI1-OPA192_15 Datasheet
3Mb / 52P
Low Input Bias Current Op Amp
OPA191 TI1-OPA191_16 Datasheet
3Mb / 49P
Low Input Bias Current Op Amp
OPA396 TI-OPA396 Datasheet
2Mb / 30P
OPA396 Precision, Low IQ, Low Input Bias Current Op Amp
logo
Maxim Integrated Produc...
MAX40242 MAXIM-MAX40242 Datasheet
531Kb / 12P
20V, Low Input Bias-Current, Low-Noise, Dual Op Amp
2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com