Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA396 Datasheet (PDF) - Texas Instruments

OPA396 Datasheet PDF - Texas Instruments
Part # OPA396
Download  OPA396 Download
File Size   2311.64 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPAx396 Precision, Low IQ, Low Input Bias Current Op Amps

OPA396 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA396 Datasheet PDF - Texas Instruments

Part # OPA396
Download  OPA396 Click to download

File Size   2311.64 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPAx396 Precision, Low IQ, Low Input Bias Current Op Amps

OPA396 Datasheet (HTML) - Texas Instruments


OPA396 Product details

1 Features
• Low IQ: 23.5μA
• Gain bandwidth product: 1MHz
• Low input bias current: 10fA (typical)
• Low offset voltage: ±100μV (maximum)
• Low drift: ±1.2μV/°C
• Low supply voltage operation: 1.7V to 5.5V
• Input common mode range ±100mV beyond rail
• Fast slew rate: 1V/μs
• High load capacitance drive
• High output current drive: 60mA
• Rail-to-rail output
• EMI/RFI filtered inputs

2 Applications
• Portable electronics
• Flow transmitter
• Blood glucose monitor
• Process analytics (pH, gas, force, humidity)
• Temperature transmitter
• Pressure transmitter
• Medical sensor patches
• Building automation
• Wearable fitness and activity monitor
• Gas detector
• Analog security camera

3 Description
The OPA396, OPA2396, and OPA4396 (OPAx396)
feature a combination of high bandwidth (1MHz) along
with very low quiescent current (23.5μA) in a highprecision
amplifier. These features combined with
rail-to-rail input and output make these devices an
excellent choice in high-gain, low-power applications.
An ultra-low input bias current of 10fA, 100μV of offset
(maximum), and 1.2μV/°C of drift over temperature
help maintain high precision in ratiometric and
amperometric sensor front ends that have demanding
low-power requirements.
The OPAx396 use Texas Instrument's proprietary
e‑trim™ operational amplifier technology, enabling a
unique combination of ultra-low offset and low input
offset drift without the need for any input switching or
auto-zero techniques. The CMOS-based technology
platform also features a modern, robust output stage
design that is tolerant of high output capacitance,
alleviating stability problems that are common in
typical low-power amplifiers.




Similar Part No. - OPA396

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA396 TI-OPA396 Datasheet
2Mb / 30P
OPA396 Precision, Low IQ, Low Input Bias Current Op Amp
OPA396 TI2-OPA396 Datasheet
1Mb / 31P
OPA396 Precision, Low IQ, Low Input Bias Current Op Amp
OPA396
OPA396DCKR TI-OPA396DCKR Datasheet
2Mb / 30P
OPA396 Precision, Low IQ, Low Input Bias Current Op Amp
OPA396DCKR TI2-OPA396DCKR Datasheet
1Mb / 31P
OPA396 Precision, Low IQ, Low Input Bias Current Op Amp
OPA396
OPA396DCKR.A TI2-OPA396DCKR.A Datasheet
1Mb / 31P
OPA396 Precision, Low IQ, Low Input Bias Current Op Amp
OPA396
More results


Similar Description - OPA396

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28156_0812 INTERSIL-ISL28156_0812 Datasheet
826Kb / 13P
Low Input Bias Current Op Amps
December 16, 2008
ISL28168 INTERSIL-ISL28168_11 Datasheet
987Kb / 17P
Low Input Bias Current Op Amps
July 25, 2011
logo
Microchip Technology
MCP6471 MICROCHIP-MCP6471 Datasheet
1Mb / 50P
2 MHz, Low-Input Bias Current Op Amps
2012-2013
MCP6481 MICROCHIP-MCP6481 Datasheet
1Mb / 50P
4 MHz, Low-Input Bias Current Op Amps
Revision C June 2013
MCP6491 MICROCHIP-MCP6491 Datasheet
1Mb / 50P
7.5 MHz, Low-Input Bias Current Op Amps
2012-2013
logo
Texas Instruments
OPA396 TI-OPA396 Datasheet
2Mb / 30P
OPA396 Precision, Low IQ, Low Input Bias Current Op Amp
TLV387 TI-TLV387 Datasheet
1Mb / 20P
TLVx387 High Precision, Zero-Drift, Low-Input-Bias-Current Op Amps
DECEMBER 2021
TLV387 TI-TLV387_V01 Datasheet
2Mb / 27P
TLVx387 High Precision, Zero-Drift, Low-Input-Bias-Current Op Amps
DECEMBER 2021
TLV387 TI-TLV387_V02 Datasheet
1Mb / 31P
TLVx387 High Precision, Zero-Drift, Low-Input-Bias-Current Op Amps
REVISED NOVEMBER 2023
TLV387 TI1-TLV387_V03 Datasheet
1Mb / 33P
TLVx387 High Precision, Zero-Drift, Low-Input-Bias-Current Op Amps
REVISED NOVEMBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com