Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA365 Datasheet (PDF) - Texas Instruments

OPA365 Datasheet PDF - Texas Instruments
Part # OPA365
Download  OPA365 Download
File Size   1241.71 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 1.5A, 24V, 17MHz POWER OPERATIONAL AMPLIFIER

OPA365 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA365 Datasheet PDF - Texas Instruments

Part # OPA365
Download  OPA365 Click to download

File Size   1241.71 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 1.5A, 24V, 17MHz POWER OPERATIONAL AMPLIFIER

OPA365 Datasheet (HTML) - Texas Instruments


OPA365 Product details

1FEATURES
23• HIGH OUTPUT CURRENT: 1.5A
• WIDE POWER-SUPPLY RANGE:
– Single Supply: +7V to +24V
– Dual Supply: ±3.5V to ±12V
• LARGE OUTPUT SWING: 20VPP at 1.5A
• FULLY PROTECTED:
– THERMAL SHUTDOWN
– ADJUSTABLE CURRENT LIMIT
• DIAGNOSTIC FLAGS:
– OVER-CURRENT
– THERMAL SHUTDOWN
• OUTPUT ENABLE/SHUTDOWN CONTROL
• HIGH SPEED:
– GAIN-BANDWIDTH PRODUCT: 17MHz
– FULL-POWER BANDWIDTH AT 10VPP:
1.3MHz
– SLEW RATE: 40V/ms
• DIODE FOR JUNCTION TEMPERATURE
MONITORING
• HSOP-20 PowerPAD™ PACKAGE
(Bottom- and Top-Side Thermal Pad Versions)

APPLICATIONS
• POWERLINE COMMUNICATIONS
• VALVE, ACTUATOR DRIVER
• V COM DRIVER
• MOTOR DRIVER
• AUDIO POWER AMPLIFIER
• POWER-SUPPLY OUTPUT AMPLIFIER
• TEST EQUIPMENT AMPLIFIER
• TRANSDUCER EXCITATION
• LASER DIODE DRIVER
• GENERAL-PURPOSE LINEAR POWER
BOOSTER

DESCRIPTION
The OPA564 is a low-cost, high-current operational
amplifier that is ideal for driving up to 1.5A into
reactive loads. The high slew rate provides 1.3MHz
full-power bandwidth and excellent linearity. These
monolithic integrated circuits provide high reliability in
demanding powerline communications and motor
control applications.
The OPA564 operates from a single supply of 7V to
24V, or dual power supplies of ±3.5V to ±12V. In
single-supply operation, the input common-mode
range extends to the negative supply. At maximum
output current, a wide output swing provides a 20VPP
(IOUT = 1.5A) capability with a nominal 24V supply.
The OPA564 is internally protected against
over-temperature conditions and current overloads. It
is designed to provide an accurate, user-selected
current limit. Two flag outputs are provided; one
indicates current limit and the second shows a
thermal over-temperature condition. It also has an
Enable/Shutdown pin that can be forced low to shut
down the output, effectively disconnecting the load.
The OPA564 is housed in a thermally-enhanced, surface-mount PowerPAD™ package (HSOP-20) with
the choice of the thermal pad on either the top side or
the bottom side of the package. Operation for both
versions is specified over the industrial temperature
range, –40°C to +85°C.




Similar Part No. - OPA365

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA365 BURR-BROWN-OPA365 Datasheet
292Kb / 16P
2.2V, 50MHz, Low-Noise, Single-Supply Rail-to-Rail OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA365 TI1-OPA365 Datasheet
692Kb / 24P
50MHz, Low-Distortion, High CMRR, RRI/O, Single-Supply OPERATIONAL AMPLIFIER
JUNE 2009
OPA365 TI2-OPA365 Datasheet
2Mb / 63P
OPAx835 Ultra-Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
REVISED MARCH 2021
OPA365 TI2-OPA365 Datasheet
2Mb / 66P
OPAx836 Very-Low-Power, Rail-to-Rail Out, Negative Rail In, Voltage-Feedback Operational Amplifiers
REVISED MARCH 2021
OPA365-EP TI1-OPA365-EP Datasheet
495Kb / 19P
50-MHz Low-Distortion High-CMRR Rail-to-Rail I/O, Single-Supply Operational Amplifier
More results


Similar Description - OPA365

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM675 NSC-LM675 Datasheet
204Kb / 8P
Power Operational Amplifier
logo
Cirrus Logic
PA13 CIRRUS-PA13 Datasheet
642Kb / 7P
Power Operational Amplifier
PA86 APEX-PA86_07 Datasheet
312Kb / 5P
POWER OPERATIONAL AMPLIFIER
MP108 CIRRUS-MP108 Datasheet
212Kb / 5P
Power Operational Amplifier
MP111 CIRRUS-MP111 Datasheet
219Kb / 5P
Power Operational Amplifier
logo
Texas Instruments
OPA564 TI1-OPA564 Datasheet
1Mb / 35P
1.5A, 24V, 17MHz POWER OPERATIONAL AMPLIFIER
OPA564-Q1 TI1-OPA564-Q1 Datasheet
1,002Kb / 34P
1.5A, 24V, 17MHz POWER OPERATIONAL AMPLIFIER
OPA564 TI-OPA564_15 Datasheet
1Mb / 37P
1.5A, 24V, 17MHz POWER OPERATIONAL AMPLIFIER
logo
Weidmuller
2660200279 WEIDMULLER-2660200279 Datasheet
149Kb / 3P
PRO PM 35W 24V 1.5A
logo
TiMOTION Technology Co....
TBB8 TIMOTION-TBB8 Datasheet
321Kb / 3P
Discharging voltage 24V DC, 1.5A
20180600-D
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com