Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RSW Datasheet (PDF) - Bourns Electronic Solutions

RSW Datasheet PDF - Bourns Electronic Solutions
Part # RSW
Download  RSW Download
File Size   600.44 Kbytes
Page   4 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description RSW Series – Riedon™ Precision Current Resistor / Busbar Shunts by Bourns

RSW Datasheet (PDF)

Go To PDF Page Download Datasheet
RSW Datasheet PDF - Bourns Electronic Solutions

Part # RSW
Download  RSW Click to download

File Size   600.44 Kbytes
Page   4 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description RSW Series – Riedon™ Precision Current Resistor / Busbar Shunts by Bourns

RSW Datasheet (HTML) - Bourns Electronic Solutions


RSW Product details

Features
n Formerly a Riedon™ product
n Current rating: 5 to 200 A
n Standard tolerance ±0.25 %
n 0.25 to 10 mΩ resistance
n Non-inductive metal element
n Center mounted voltage taps
n Compact size
n RoHS compliant*




Similar Part No. - RSW

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
RSW-2-25P MINI-RSW-2-25P Datasheet
139Kb / 1P
50 SPDT, Refl ective DC to 2500 MHz
RSW-2-25PA MINI-RSW-2-25PA Datasheet
289Kb / 5P
High Isolation Switch
logo
Belden Inc.
RSW50-877 BELDEN-RSW50-877 Datasheet
674Kb / 2P
7/8" Power Single-Ended Cordset: Male, angled, 5-pin, yellow body, 600 V (UL), 8 A (UL); TPE yellow cable, 16 AWG
03-22-2023
RSWPA3-802 BELDEN-RSWPA3-802 Datasheet
590Kb / 3P
Mini Power Single-Ended Cordset: 7/8", male, angled, 3-pin(2PE), black body, 600 V, 18 A; TPE black cable, 14 AWG
RSWPA4-RKWPA4-805 BELDEN-RSWPA4-RKWPA4-805 Datasheet
462Kb / 3P
Mini Power Double-Ended Cordset: 7/8" male angled to 7/8" female angled, 4-pin(3PE), black body, 600 V, 15 A; TPE black cable, 14 AWG
More results


Similar Description - RSW

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
RSA-5 RIEDON-RSA-5 Datasheet
585Kb / 4P
Precision Current / DC Current Shunts
RSA-20-50 RIEDON-RSA-20-50 Datasheet
585Kb / 4P
Precision Current / DC Current Shunts
RSA-20-100 RIEDON-RSA-20-100 Datasheet
585Kb / 4P
Precision Current / DC Current Shunts
RSA-50-50 RIEDON-RSA-50-50 Datasheet
585Kb / 4P
Precision Current / DC Current Shunts
RSA-100-100 RIEDON-RSA-100-100 Datasheet
585Kb / 4P
Precision Current / DC Current Shunts
RSB-300-50 RIEDON-RSB-300-50 Datasheet
585Kb / 4P
Precision Current / DC Current Shunts
RSB-500-50 RIEDON-RSB-500-50 Datasheet
585Kb / 4P
Precision Current / DC Current Shunts
RSN-5-50B RIEDON-RSN-5-50B Datasheet
166Kb / 3P
DC Ammeter Shunts / Busbar Shunts 1 Amp - 500 Amp
RSN-20-50B RIEDON-RSN-20-50B Datasheet
166Kb / 3P
DC Ammeter Shunts / Busbar Shunts 1 Amp - 500 Amp
logo
IET Labs Inc.
DCCS IET-DCCS Datasheet
186Kb / 1P
DC Current Shunts
October 2017
More results




About Bourns Electronic Solutions


Bourns Electronic Solutions is a company that provides electronic components, modules, and solutions for a variety of industries, including automotive, telecommunications, industrial, medical, and consumer electronics.

The company offers a wide range of products such as resistors, potentiometers, sensors, circuit protection components, magnetic products, and more. Bourns' products are designed to help customers solve challenges related to power management, signal conditioning, and circuit protection.

Bourns was founded in 1947 and is headquartered in Riverside, California, USA. The company has manufacturing facilities, sales offices, and distribution centers located throughout the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com