Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD39200PUR Datasheet (PDF) - STMicroelectronics

LD39200PUR Datasheet PDF - STMicroelectronics
Part # LD39200PUR
Download  LD39200PUR Download
File Size   2120.14 Kbytes
Page   29 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2 A high PSRR ultra low drop linear regulator with reverse current protection

LD39200PUR Datasheet (PDF)

Go To PDF Page Download Datasheet
LD39200PUR Datasheet PDF - STMicroelectronics

Part # LD39200PUR
Download  LD39200PUR Click to download

File Size   2120.14 Kbytes
Page   29 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2 A high PSRR ultra low drop linear regulator with reverse current protection

LD39200PUR Datasheet (HTML) - STMicroelectronics


LD39200PUR Product details

Features
• Input voltage from 1.25 V to 6.0 V
• Ultra low drop: 130 mV (typ.) at 2 A load
• 1 % output accuracy at 25 °C, 2 % in full temperature range
• High PSRR: 70 dB at 1 kHz
• Reverse current protection
• 2 A guaranteed output current
• Available in fixed and adjustable output voltage version from 0.5 V with 100 mV step
• Power Good
• Internal current and thermal limit
• Operating junction temperature range: -40 °C to 125 °C
• DFN6 (3 x 3 mm) and DFN8 (4 x 4 mm) packages

Applications
• Telecom infrastructure
• Medium power POL

Description
The LD39200 provides 2 A of maximum current with an input voltage range from 1.25 V to 6.0 V, and a typical dropout voltage of 130 mV.
It is stable with ceramic capacitors on the output (10 μF).
Typical power supply rejection ratio is 70 dB at 1 kHz and starts to roll off at 20 kHz.
The enable logic control function puts the LD39200 in shutdown mode, reducing the total current consumption to 10 nA (typ.).
Power Good flag is available on a dedicated pin.
The device also includes reverse current protection, short-circuit constant current limit and thermal protection.
Typical applications are for Telecom infrastructure and consumer.




Similar Part No. - LD39200PUR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD39200 STMICROELECTRONICS-LD39200 Datasheet
1Mb / 30P
Reverse current protection
28-Jul-2014
More results


Similar Description - LD39200PUR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73719-Q1 TI1-TPS73719-Q1 Datasheet
536Kb / 19P
1-A LOW-DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
logo
Micrel Semiconductor
MIC5282 MICREL-MIC5282 Datasheet
940Kb / 19P
Ultra-Low IQ, High-PSRR Linear Regulator
MIC5283 MICREL-MIC5283 Datasheet
962Kb / 19P
Ultra-Low IQ, High-PSRR Linear Regulator
logo
Texas Instruments
TPS734XX TI-TPS734XX_15 Datasheet
1,009Kb / 20P
250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS73719-Q1 TI-TPS73719-Q1_15 Datasheet
991Kb / 22P
1-A LOW-DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
logo
STMicroelectronics
ST1L08 STMICROELECTRONICS-ST1L08 Datasheet
1Mb / 21P
800 mA ultra low drop, high PSRR voltage regulator
16-Nov-2015
logo
Texas Instruments
TPS737 TI1-TPS737_16 Datasheet
1Mb / 38P
1-A Low-Dropout Regulator With Reverse Current Protection
TPS73719-Q1 TI1-TPS73719-Q1_16 Datasheet
1Mb / 26P
1-A Low-Dropout Regulator With Reverse Current Protection
TPS7A37 TI1-TPS7A37_16 Datasheet
1Mb / 31P
High-Accuracy, 1-A, Low-Dropout Regulator With Reverse Current Protection
logo
STMicroelectronics
LDL212 STMICROELECTRONICS-LDL212 Datasheet
1Mb / 28P
High PSRR, low drop linear regulator IC
19-Sep-2016
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com