Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD39200 Datasheet (PDF) - STMicroelectronics

LD39200 Datasheet PDF - STMicroelectronics
Part # LD39200
Download  LD39200 Download
File Size   1412.17 Kbytes
Page   30 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Reverse current protection

LD39200 Datasheet (PDF)

Go To PDF Page Download Datasheet
LD39200 Datasheet PDF - STMicroelectronics

Part # LD39200
Download  LD39200 Click to download

File Size   1412.17 Kbytes
Page   30 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Reverse current protection

LD39200 Datasheet (HTML) - STMicroelectronics


LD39200 Product details

Description
The LD39200 provides 2 A of maximum current with an input voltage range from 1.25 V to 6.0 V, and a typical dropout voltage of 130 mV. It is stable with ceramic capacitors on the output (10 µF). Typical power supply rejection ratio is 70 dB at 1 kHz and starts to roll off at 20 kHz. The enable logic control function puts the LD39200 in shutdown mode, reducing the total current consumption to 10 nA (typ.). Power Good flag is available on a dedicated pin. The device also includes reverse current protection, short-circuit constant current limit and




Similar Part No. - LD39200

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD39200 STMICROELECTRONICS-LD39200 Datasheet
2Mb / 29P
2 A high PSRR ultra low drop linear regulator with reverse current protection
17-Sep-2018
LD39200DPUR STMICROELECTRONICS-LD39200DPUR Datasheet
2Mb / 29P
2 A high PSRR ultra low drop linear regulator with reverse current protection
17-Sep-2018
LD39200PU33R STMICROELECTRONICS-LD39200PU33R Datasheet
2Mb / 29P
2 A high PSRR ultra low drop linear regulator with reverse current protection
17-Sep-2018
LD39200PUR STMICROELECTRONICS-LD39200PUR Datasheet
2Mb / 29P
2 A high PSRR ultra low drop linear regulator with reverse current protection
17-Sep-2018
LD39200 STMICROELECTRONICS-LD39200_V01 Datasheet
2Mb / 29P
2 A high PSRR ultra low drop linear regulator with reverse current protection
17-Sep-2018
More results


Similar Description - LD39200

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73718 TI-TPS73718 Datasheet
972Kb / 22P
1A Low-Dropout Regulator with Reverse Current Protection
TPS73701 TI1-TPS73701_13 Datasheet
1Mb / 31P
1A Low-Dropout Regulator with Reverse Current Protection
logo
Seiko Instruments Inc
S13R1 SII-S13R1 Datasheet
972Kb / 49P
REVERSE CURRENT PROTECTION
logo
STMicroelectronics
LDL112 STMICROELECTRONICS-LDL112 Datasheet
1Mb / 32P
1.2 A low quiescent current LDO with reverse current protection
28-Oct-2016
logo
Unisonic Technologies
LR1803G-XX-AB5-R UTC-LR1803G-XX-AB5-R Datasheet
228Kb / 7P
The reverse current protection
logo
Seiko Instruments Inc
S-13R1 SII-S-13R1 Datasheet
2Mb / 49P
REVERSE CURRENT PROTECTION CMOS VOLTAGE REGULATOR
logo
Dialog Semiconductor
SLG59M1639V DIALOG-SLG59M1639V Datasheet
407Kb / 11P
Reverse-current/voltage Protection
logo
Maxim Integrated Produc...
MAX9937 MAXIM-MAX9937 Datasheet
1Mb / 11P
Current-Sense Amplifier with Reverse-Battery Protection
2014
logo
New Japan Radio
NJM2879-H NJRC-NJM2879-H Datasheet
538Kb / 17P
LDO with Reverse Current Protection / Discharge Function
Ver.1.3
logo
Nisshinbo Micro Devices...
R1191X NISSHINBO-R1191X Datasheet
4Mb / 45P
300mA LDO REGULATOR with the Reverse Current Protection
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com