Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD39200 Datasheet(PDF) 2 Page - STMicroelectronics

Part # LD39200
Description  Reverse current protection
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39200 Datasheet(HTML) 2 Page - STMicroelectronics

  LD39200 Datasheet HTML 1Page - STMicroelectronics LD39200 Datasheet HTML 2Page - STMicroelectronics LD39200 Datasheet HTML 3Page - STMicroelectronics LD39200 Datasheet HTML 4Page - STMicroelectronics LD39200 Datasheet HTML 5Page - STMicroelectronics LD39200 Datasheet HTML 6Page - STMicroelectronics LD39200 Datasheet HTML 7Page - STMicroelectronics LD39200 Datasheet HTML 8Page - STMicroelectronics LD39200 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
Contents
LD39200
2/30
DocID025637 Rev 1
Contents
1
Block diagram.................................................................................. 3
2
Pin configuration and description.................................................. 4
3
Typical application .......................................................................... 6
4
Maximum ratings ............................................................................. 7
5
Electrical characteristics ................................................................ 8
6
Application information ................................................................ 12
6.1
Thermal and short-circuit protections .............................................. 12
6.2
Output voltage setting for ADJ version ............................................ 12
6.3
Enable pin ....................................................................................... 12
6.4
Power Good pin (PG)...................................................................... 12
6.5
Reverse current protection .............................................................. 13
7
Typical performance characteristics ........................................... 14
8
Package mechanical data ............................................................. 19
8.1
DFN6 (3 x 3 mm) mechanical data.................................................. 20
8.2
DFN8 (4 x 4 mm) mechanical data.................................................. 22
9
Packaging mechanical data.......................................................... 24
9.1
DFN6 (3 x 3 mm) tape and reel mechanical data............................ 24
9.2
DFN8 (4 x 4 mm) reel mechanical data........................................... 26
10
Ordering information..................................................................... 28
11
Revision history ............................................................................ 29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com