Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD39200 Datasheet(PDF) 12 Page - STMicroelectronics

Part # LD39200
Description  Reverse current protection
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39200 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button LD39200 Datasheet HTML 8Page - STMicroelectronics LD39200 Datasheet HTML 9Page - STMicroelectronics LD39200 Datasheet HTML 10Page - STMicroelectronics LD39200 Datasheet HTML 11Page - STMicroelectronics LD39200 Datasheet HTML 12Page - STMicroelectronics LD39200 Datasheet HTML 13Page - STMicroelectronics LD39200 Datasheet HTML 14Page - STMicroelectronics LD39200 Datasheet HTML 15Page - STMicroelectronics LD39200 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
Application information
LD39200
12/30
DocID025637 Rev 1
6
Application information
6.1
Thermal and short-circuit protections
The LD39200 is self-protected from short-circuit conditions and overtemperature. When the
output load is higher than the one supported by the device, the output current rises until the
limit of typically 3.5 A is reached; at this point the current is kept constant even when the
load impedance is zero. The thermal protection acts when the junction temperature reaches
170 °C. The IC enters the shutdown status. As soon as the junction temperature falls again
below 150 °C the device starts working again. In order to calculate the maximum power the
device can dissipate, keeping the junction temperature below TJ-OP , the following formula is
used:
Equation 1
6.2
Output voltage setting for ADJ version
In the adjustable version, the output voltage can be set from 0.5 V up to the input voltage
minus the voltage drop across the pass transistor (dropout voltage), by connecting a
resistor divider between the ADJ pin and the output, allowing remote voltage sensing. The
resistor divider can be selected using the following equation:
Equation 2
6.3
Enable pin
The LD39200 features an enable function. When the EN voltage is higher than 1.2 V the
device is ON, and if it is lower than 0.5 V the device is OFF. In shutdown mode, the total
current consumption is 10 nA (typ). The EN pin does not have an internal pull-up, therefore
it cannot be left floating if it is not used.
6.4
Power Good pin (PG)
Some applications require a flag showing that the output voltage is in the correct range.
Power Good threshold depends on the output voltage. When the output voltage is higher
than 0.92*VOUT(nom), the PG pin goes to high impedance. If the output voltage is below
0.80*VOUT(nom) the PG pin goes to low impedance. If the device works well, the PG pin is at
high impedance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com