Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD39200 Datasheet(PDF) 16 Page - STMicroelectronics

Part # LD39200
Description  Reverse current protection
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39200 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button LD39200 Datasheet HTML 12Page - STMicroelectronics LD39200 Datasheet HTML 13Page - STMicroelectronics LD39200 Datasheet HTML 14Page - STMicroelectronics LD39200 Datasheet HTML 15Page - STMicroelectronics LD39200 Datasheet HTML 16Page - STMicroelectronics LD39200 Datasheet HTML 17Page - STMicroelectronics LD39200 Datasheet HTML 18Page - STMicroelectronics LD39200 Datasheet HTML 19Page - STMicroelectronics LD39200 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
Typical performance characteristics
LD39200
16/30
DocID025637 Rev 1
Figure 14: Quiescent current vs output
current
Figure 15: Line regulation vs temperature
( 1.5 V ≤ Vin ≤ 6 V, Iout = 10 mA)
Figure 16: Load regulation vs temperature
( Vin = 1.5 V, 0 < Iout < 2 A )
Figure 17: SVR vs frequency
Figure 18: Noise spectral density (no Cbyp)
Figure 19: Noise spectral density
(Cbyp = 470 nF)
AM13920V2
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0
1
10
100
500
1000
1250
1500
1750
2000
Output current [mA]
AM13920V1
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.1
-40
-25
0
25
55
85
125
T em pe ratu re ºC
AM13921V1
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
-40
-25
0
25
55
85
125
T e m pe ratu re ºC
AM13922V1
0 .0
1 0 .0
2 0 .0
3 0 .0
4 0 .0
5 0 .0
6 0 .0
7 0 .0
8 0 .0
9 0 .0
1 0 0.0
1 0 0
1 0 00
1 0 000
1 0 00 0 0
1 0 00 0 00
f [H z ]
V IN = 2.3 V + V rip p le
V IN = 4.0 V + V rip p le
AM13923V1
0 . 0
1 . 0
2 . 0
3 . 0
4 . 0
5 . 0
6 . 0
7 . 0
8 . 0
9 . 0
10 . 0
1 0
10 0
1000
10000
100000
f [H z ]
V I N = 1 . 6 V V O U T = 1 . 2 V C B P = 0 I L O A D = 0 .7 A
V I N = 3 . 7 V V O U T = 3 . 3 V C B P = 0 I L O A D = 0 .7 A
V I N = 5 . 4 V V O U T = 5 . 0 V C B P = 0 I L O A D = 0 .7 A
AM13924V1
0 . 0
1 . 0
2 . 0
3 . 0
4 . 0
5 . 0
6 . 0
7 . 0
8 . 0
9 . 0
10 . 0
1 0
10 0
1000
10000
100000
f [H z]
V I N = 1 . 6 V V O U T = 1 . 2 V C B P = 470nF I L O A D = 0 .7 A
V I N = 3 . 7 V V O U T = 3 . 3 V C B P = 470nF I L O A D = 0 .7 A
V I N = 5 . 4 V V O U T = 5 . 0 V C B P = 470nF I L O A D = 0 .7 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com