Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD39200 Datasheet(PDF) 1 Page - STMicroelectronics

Part # LD39200
Description  Reverse current protection
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39200 Datasheet(HTML) 1 Page - STMicroelectronics

  LD39200 Datasheet HTML 1Page - STMicroelectronics LD39200 Datasheet HTML 2Page - STMicroelectronics LD39200 Datasheet HTML 3Page - STMicroelectronics LD39200 Datasheet HTML 4Page - STMicroelectronics LD39200 Datasheet HTML 5Page - STMicroelectronics LD39200 Datasheet HTML 6Page - STMicroelectronics LD39200 Datasheet HTML 7Page - STMicroelectronics LD39200 Datasheet HTML 8Page - STMicroelectronics LD39200 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
July 2014
DocID025637 Rev 1
1/30
This is information on a product in full production.
www.st.com
LD39200
2 A high PSRR ultra low drop linear regulator with reverse
current protection
Datasheet - production data
Features
Input voltage from 1.25 V to 6.0 V
Ultra low drop: 130 mV (typ.) at 2 A load
1% output accuracy at 25 °C, 2% in full
temperature range
High PSRR: 70 dB at 1 kHz
Reverse current protection
2 A guaranteed output current
Available in fixed and adjustable output
voltage version from 0.5 V with 100 mV step
Power Good
Internal current and thermal limit
Operating junction temperature range:
-40 °C to 125 °C
DFN6 (3 x 3 mm) and DFN8 (4 x 4 mm)
packages
Applications
Telecom infrastructure
Medium power POL
Description
The LD39200 provides 2 A of maximum current
with an input voltage range from 1.25 V to 6.0 V,
and a typical dropout voltage of 130 mV.
It is stable with ceramic capacitors on the output
(10 µF).
Typical power supply rejection ratio is 70 dB
at 1 kHz and starts to roll off at 20 kHz.
The enable logic control function puts the
LD39200 in shutdown mode, reducing the total
current consumption to 10 nA (typ.).
Power Good flag is available on a dedicated pin.
The device also includes reverse current
protection, short-circuit constant current limit and
thermal protection.
Typical applications are for Telecom
infrastructure and consumer.


Similar Part No. - LD39200

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD39200 STMICROELECTRONICS-LD39200 Datasheet
2Mb / 29P
2 A high PSRR ultra low drop linear regulator with reverse current protection
17-Sep-2018
LD39200DPUR STMICROELECTRONICS-LD39200DPUR Datasheet
2Mb / 29P
2 A high PSRR ultra low drop linear regulator with reverse current protection
17-Sep-2018
LD39200PU33R STMICROELECTRONICS-LD39200PU33R Datasheet
2Mb / 29P
2 A high PSRR ultra low drop linear regulator with reverse current protection
17-Sep-2018
LD39200PUR STMICROELECTRONICS-LD39200PUR Datasheet
2Mb / 29P
2 A high PSRR ultra low drop linear regulator with reverse current protection
17-Sep-2018
LD39200 STMICROELECTRONICS-LD39200_V01 Datasheet
2Mb / 29P
2 A high PSRR ultra low drop linear regulator with reverse current protection
17-Sep-2018
More results

Similar Description - LD39200

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73718 TI-TPS73718 Datasheet
972Kb / 22P
1A Low-Dropout Regulator with Reverse Current Protection
TPS73701 TI1-TPS73701_13 Datasheet
1Mb / 31P
1A Low-Dropout Regulator with Reverse Current Protection
logo
Seiko Instruments Inc
S13R1 SII-S13R1 Datasheet
972Kb / 49P
REVERSE CURRENT PROTECTION
logo
STMicroelectronics
LDL112 STMICROELECTRONICS-LDL112 Datasheet
1Mb / 32P
1.2 A low quiescent current LDO with reverse current protection
28-Oct-2016
logo
Unisonic Technologies
LR1803G-XX-AB5-R UTC-LR1803G-XX-AB5-R Datasheet
228Kb / 7P
The reverse current protection
logo
Seiko Instruments Inc
S-13R1 SII-S-13R1 Datasheet
2Mb / 49P
REVERSE CURRENT PROTECTION CMOS VOLTAGE REGULATOR
logo
Dialog Semiconductor
SLG59M1639V DIALOG-SLG59M1639V Datasheet
407Kb / 11P
Reverse-current/voltage Protection
logo
Maxim Integrated Produc...
MAX9937 MAXIM-MAX9937 Datasheet
1Mb / 11P
Current-Sense Amplifier with Reverse-Battery Protection
2014
logo
New Japan Radio
NJM2879-H NJRC-NJM2879-H Datasheet
538Kb / 17P
LDO with Reverse Current Protection / Discharge Function
Ver.1.3
logo
Nisshinbo Micro Devices...
R1191X NISSHINBO-R1191X Datasheet
4Mb / 45P
300mA LDO REGULATOR with the Reverse Current Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com