Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA2835 Datasheet (PDF) - Texas Instruments

OPA2835 Datasheet PDF - Texas Instruments
Part # OPA2835
Download  OPA2835 Download
File Size   2963.03 Kbytes
Page   66 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPAx836 Very-Low-Power, Rail-to-Rail Out, Negative Rail In, Voltage-Feedback Operational Amplifiers

OPA2835 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA2835 Datasheet PDF - Texas Instruments

Part # OPA2835
Download  OPA2835 Click to download

File Size   2963.03 Kbytes
Page   66 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPAx836 Very-Low-Power, Rail-to-Rail Out, Negative Rail In, Voltage-Feedback Operational Amplifiers

OPA2835 Datasheet (HTML) - Texas Instruments


OPA2835 Product details

1 Features
• Low Power:
– Supply Voltage: 2.5 V to 5.5 V
– Quiescent Current: 1 mA (Typical)
– Power Down Mode: 0.5 μA (Typical)
• Bandwidth: 205 MHz
• Slew Rate: 560 V/μs
• Rise Time: 3 ns (2 VSTEP)
• Settling Time (0.1%): 22 ns (2 VSTEP)
• Overdrive Recovery Time: 60 ns
• SNR: 0.00013% (–117.6 dBc) at 1 kHz (1 VRMS)
• THD: 0.00003% (–130 dBc) at 1 kHz (1 VRMS)
• HD2/HD3: –85 dBc/–105 dBc at 1 MHz (2 VPP)
• Input Voltage Noise: 4.6 nV/√ Hz (f = 100 kHz)
• Input Offset Voltage: 65 μV (±400-μV Maximum)
• CMRR: 116 dB
• Output Current Drive: 50 mA
• RRO: Rail-to-Rail Output
• Input Voltage Range: –0.2 V to +3.9 V
(5-V Supply)
• Operating Temperature Range:
–40°C to +125°C

2 Applications
• Low-Power Signal Conditioning
• Audio ADC Input Buffers
• Low-Power SAR and ΔΣ ADC Drivers
• Portable Systems
• Low-Power Systems
• High-Density Systems

3 Description
The OPA836 and OPA2836 devices (OPAx836) are
single- and dual-channel, ultra-low power, rail-to-rail
output, negative-rail input, voltage-feedback (VFB)
operational amplifiers designed to operate over a
power-supply range of 2.5 V to 5.5 V with a single
supply, or ±1.25 V to ±2.75 V with a dual supply.
Consuming only 1 mA per channel and a unitygain
bandwidth of 205 MHz, these amplifiers set an
industry-leading power-to-performance ratio for rail-torail
amplifiers.
For battery-powered, portable applications where
power is of key importance, the low-power
consumption and high-frequency performance of the
OPA836 and OPA2836 devices offer performanceversus-
power capability that is not attainable in other
devices. Coupled with a power-savings mode to
reduce current to < 1.5 μA, these devices offer an
attractive solution for high-frequency amplifiers in
battery-powered applications.
The OPA836 RUN package option includes integrated
gain-setting resistors for the smallest possible
footprint on a printed-circuit board (approximately 2.00
mm × 2.00 mm). By adding circuit traces on the
PCB, gains of +1, –1, –1.33, +2, +2.33, –3, +4, –4,
+5, –5.33, +6.33, –7, +8 and inverting attenuations
of –0.1429, –0.1875, –0.25, –0.33, –0.75 can be
achieved. See Table 9-1 and Table 9-2 for details.
The OPA836 and OPA2836 devices are characterized
for operation over the extended industrial temperature
range of –40°C to +125°C.




Similar Part No. - OPA2835

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2835 TI1-OPA2835 Datasheet
1Mb / 51P
Ultra Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
logo
National Semiconductor ...
OPA2835 NSC-OPA2835 Datasheet
2Mb / 53P
Ultra Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
logo
Texas Instruments
OPA2835 TI2-OPA2835 Datasheet
2Mb / 63P
OPAx835 Ultra-Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
REVISED MARCH 2021
OPA2835 TI2-OPA2835 Datasheet
3Mb / 54P
OPA838 1mA, 300MHz Gain Bandwidth, Voltage-Feedback Op Amp
REVISED AUGUST 2025
OPA2835-DIE TI1-OPA2835-DIE Datasheet
107Kb / 5P
ULTRA LOW-POWER, RAIL-TO-RAIL OUT, NEGATIVE RAIL IN, VFB OP AMP
More results


Similar Description - OPA2835

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33206 ONSEMI-MC33206 Datasheet
270Kb / 12P
LOW VOLTAGE RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
1999 REV 1
logo
Texas Instruments
TLV255X TI-TLV255X Datasheet
1Mb / 53P
ADVANCED LINCMOS RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
OPA836 TI1-OPA836 Datasheet
1Mb / 49P
Very Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
OCTOBER2011
TLV2252-Q1 TI1-TLV2252-Q1 Datasheet
695Kb / 36P
Advanced LinCMOS??RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
MC33204DG ONSEMI-MC33204DG Datasheet
391Kb / 18P
Low Voltage, Rail-to-Rail Operational Amplifiers
December, 2011 ??Rev. 16
logo
Texas Instruments
OPA836 TI1-OPA836_14 Datasheet
2Mb / 54P
Very Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
OPA836 TI-OPA836_15 Datasheet
1Mb / 57P
OPAx836 Very-Low-Power, Rail-to-Rail Out, Negative-Rail In, Voltage-Feedback Operational Amplifiers
logo
ON Semiconductor
MC33201 ONSEMI-MC33201_14 Datasheet
215Kb / 17P
Low Voltage, Rail-to-Rail Operational Amplifiers
April, 2014 ??Rev. 17
logo
Texas Instruments
OPA2836-Q1 TI1-OPA2836-Q1 Datasheet
1Mb / 44P
Very-Low Power, Rail-to-Rail Out, Negative-Rail In, Voltage-Feedback Operational Amplifier
logo
ON Semiconductor
MC33201 ONSEMI-MC33201_18 Datasheet
258Kb / 17P
Low Voltage, Rail-to-Rail Operational Amplifiers
July, 2018 ??Rev. 18
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com