Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA2835 Datasheet (PDF) - Texas Instruments

OPA2835 Datasheet PDF - Texas Instruments
Part # OPA2835
Download  OPA2835 Download
File Size   3447.09 Kbytes
Page   54 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPA838 1mA, 300MHz Gain Bandwidth, Voltage-Feedback Op Amp

OPA2835 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA2835 Datasheet PDF - Texas Instruments

Part # OPA2835
Download  OPA2835 Click to download

File Size   3447.09 Kbytes
Page   54 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPA838 1mA, 300MHz Gain Bandwidth, Voltage-Feedback Op Amp

OPA2835 Datasheet (HTML) - Texas Instruments


OPA2835 Product details

1 Features
• Gain bandwidth product: 300MHz
• Very-low (trimmed) supply current: 950μA
• Bandwidth: 90MHz (AV = 6V/V)
• High full-power bandwidth: 45MHz, 4VPP
• Negative rail input, rail-to-rail output
• Single-supply operating range: 2.7V to 5.4V
• 25°C input offset: ±125μV (maximum)
• Input offset voltage drift: < ±1.6μV/°C (maximum)
• Input voltage noise: 1.8nV/√Hz (> 200Hz)
• Input current noise: 1pA/√Hz (> 2000Hz)
• < 1μA shutdown current for power savings

2 Applications
• Low-power transimpedance amplifier
• Low-noise high-gain stage
• 12-bit to 16-bit low-power SAR ADC driver
• High-gain active filter design
• Ultrasonic flow meter

3 Description
The OPA838 decompensated voltage-feedback
operational amplifier provides a high, 300MHz
gain bandwidth product with 1.8nV/√Hz input noise
voltage, requiring only a trimmed 0.95mA supply
current. These features combine to provide an
extremely power-efficient device for photodiode
transimpedance designs and high-voltage gain
stages, which require the lowest input voltage noise
in signal receiver applications.
Operating at the minimum recommended noninverting
gain of 6V/V results in a 90MHz, –3dB bandwidth.
Extremely low input noise and offset voltage make
the OPA838 an excellent choice for high gains. Even
at a dc-coupled gain of 1000V/V, a 300kHz signal
bandwidth is available with a maximum output offset
voltage of ±125mV.
The single-channel OPA838 is available in 6-pin
SOT-23, 6-pin SC70, and 8-pin X2QFN packages, all
with a power shutdown feature. The OPA838 is also
available in a 5-pin SC70 package.




Similar Part No. - OPA2835

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2835 TI1-OPA2835 Datasheet
1Mb / 51P
Ultra Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
logo
National Semiconductor ...
OPA2835 NSC-OPA2835 Datasheet
2Mb / 53P
Ultra Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
logo
Texas Instruments
OPA2835 TI2-OPA2835 Datasheet
2Mb / 63P
OPAx835 Ultra-Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
REVISED MARCH 2021
OPA2835 TI2-OPA2835 Datasheet
2Mb / 66P
OPAx836 Very-Low-Power, Rail-to-Rail Out, Negative Rail In, Voltage-Feedback Operational Amplifiers
REVISED MARCH 2021
OPA2835-DIE TI1-OPA2835-DIE Datasheet
107Kb / 5P
ULTRA LOW-POWER, RAIL-TO-RAIL OUT, NEGATIVE RAIL IN, VFB OP AMP
More results


Similar Description - OPA2835

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC420 NSC-CLC420 Datasheet
286Kb / 10P
High-Speed, Voltage Feedback Op Amp
CLC426 NSC-CLC426 Datasheet
1,005Kb / 8P
Wideband, Low-Noise, Voltage Feedback Op Amp
CLC5802 NSC-CLC5802 Datasheet
420Kb / 12P
Dual Low-Noise, Voltage Feedback Op Amp
logo
Maxim Integrated Produc...
MAX477 MAXIM-MAX477 Datasheet
178Kb / 12P
300MHz High-Speed Op Amp
Rev 2; 5/97
logo
National Semiconductor ...
LMH6609 NSC-LMH6609 Datasheet
641Kb / 15P
900MHz Voltage Feedback Op Amp
logo
ON Semiconductor
NCS2550 ONSEMI-NCS2550 Datasheet
289Kb / 12P
750 MHz Voltage Feedback Op Amp
May, 2006 ??Rev. 2
NCS2551 ONSEMI-NCS2551 Datasheet
197Kb / 12P
500 MHz Voltage Feedback Op Amp
September, 2006 ??Rev. 2
logo
Analog Devices
AD9632 AD-AD9632_15 Datasheet
478Kb / 20P
Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. D
logo
Texas Instruments
LMH6609 TI1-LMH6609 Datasheet
1Mb / 26P
LMH6609 900MHz Voltage Feedback Op Amp
OPA838 TI1-OPA838 Datasheet
1Mb / 41P
1-mA, 300-MHz Gain Bandwidth, Voltage-Feedback Op Amp
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com