Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM5100A Datasheet (PDF) - Texas Instruments

PCM5100A Datasheet PDF - Texas Instruments
Part # PCM5100A
Download  PCM5100A Download
File Size   1133.18 Kbytes
Page   44 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description PCM510xA 2.1 VRMS, 112/106/100 dB Audio Stereo DAC with PLL and 32-bit, 384 kHz PCM Interface

PCM5100A Datasheet (PDF)

Go To PDF Page Download Datasheet
PCM5100A Datasheet PDF - Texas Instruments

Part # PCM5100A
Download  PCM5100A Click to download

File Size   1133.18 Kbytes
Page   44 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description PCM510xA 2.1 VRMS, 112/106/100 dB Audio Stereo DAC with PLL and 32-bit, 384 kHz PCM Interface

PCM5100A Datasheet (HTML) - Texas Instruments


PCM5100A Product details

1 Features
1• Ultra Low Out-of-Band Noise
• Integrated High-Performance Audio PLL with BCK
Reference to Generate SCK Internally single•
Direct Line Level 2.1-VRMS Output
• No DC Blocking Capacitors Required charge•
Line Level Output Down to 1KΩ
• Intelligent Muting System; Soft Up or Down Ramp
and Analog Mute For 120-dB Mute SNR
• Accepts 16-, 24-, and 32-Bit Audio Data
• PCM Data Formats: I2S, Left-Justified
• Automatic Power-Save Mode When LRCK And
BCK Are Deactivated
• 1.8 V or 3.3 V Failsafe LVCMOS Digital Inputs
• Simple Configuration Using Hardware Pins
• Single-Supply Operation: 14
– 3.3 V Analog, 1.8 V or 3.3 V Digital
• Qualified in Accordance with AEC-Q100

2 Applications
• A/V Receivers, DVD, BD Players
• Automotive Infotainment and Telematics
• HDTV Receivers
• Aftermarket Automotive Amplifiers

3 Description
The PCM510xA devices are a family of monolithic
CMOS-integrated circuits that include a stereo digitalto-
analog converter and additional support circuitry in
a small TSSOP package. The PCM510xA devices
use the latest generation of TI’s advanced segment-
DAC architecture to achieve excellent dynamic
performance and improved tolerance to clock jitter.
Using Directpath™ charge-pump technology, the
PCM510xA devices provide 2.1-VRMS ground
centered outputs, allowing designers to eliminate DC
blocking capacitors on the output, as well as external
muting circuits traditionally associated with single•
supply line drivers.
The integrated line driver surpasses all other charge•
pump based line drivers by supporting loads down to
1 kΩ per pin.
The integrated PLL on the device removes the
requirement for a system clock (commonly known as master clock), allowing a 3-wire I2S connection and
reducing system EMI.
Intelligent clock error and PowerSense undervoltage
protection utilizes a two-level mute system for pop-
free performance.
Compared with many conventional switched capacitor
DAC architectures, the PCM510xA family offers up to
20 dB lower out-of-band noise, reducing EMI and
aliasing in downstream amplifiers/ADCs, measured from the traditional 100-kHz OBN measurements to 3
MHz).




Similar Part No. - PCM5100A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM5100A TI1-PCM5100A Datasheet
793Kb / 32P
2VRMS DirectPath?? 112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5100A TI-PCM5100A Datasheet
1Mb / 35P
Market-Leading Low Out-of-Band Noise, Integrated Negative Charge Pump
PCM5100A TI1-PCM5100A Datasheet
1Mb / 42P
Audio Stereo DAC
PCM5100A-Q1 TI1-PCM5100A-Q1 Datasheet
1Mb / 42P
Audio Stereo DAC
PCM5100APW TI1-PCM5100APW Datasheet
793Kb / 32P
2VRMS DirectPath?? 112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
More results


Similar Description - PCM5100A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM5100 TI1-PCM5100 Datasheet
795Kb / 31P
2VRMS DirectPath, 112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
MAY2011
PCM5100A TI1-PCM5100A Datasheet
793Kb / 32P
2VRMS DirectPath?? 112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5102-Q1 TI1-PCM5102-Q1 Datasheet
1Mb / 31P
2VRMS DirectPath?? 112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5141 TI1-PCM5141 Datasheet
2Mb / 110P
2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5121 TI1-PCM5121 Datasheet
2Mb / 107P
2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5101APWR TI1-PCM5101APWR Datasheet
1Mb / 35P
112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5121 TI1-PCM5121_14 Datasheet
2Mb / 108P
2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5141 TI1-PCM5141_14 Datasheet
2Mb / 111P
2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5242 TI-PCM5242_15 Datasheet
2Mb / 128P
PCM5242 4.2-VRMS DirectPath?? 114-dB Audio Stereo Differential-Output DAC with 32-bit, 384-kHz PCM Interface
logo
Cirrus Logic
CS42L92 CIRRUS-CS42L92 Datasheet
11Mb / 333P
32-Bit 384-kHz Hi-Fi Audio Codec
F2 JAN 18
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com