Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42L92 Datasheet (PDF) - Cirrus Logic

CS42L92 Datasheet PDF - Cirrus Logic
Part # CS42L92
Download  CS42L92 Download
File Size   11788.66 Kbytes
Page   333 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 32-Bit 384-kHz Hi-Fi Audio Codec

CS42L92 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS42L92 Datasheet PDF - Cirrus Logic

Part # CS42L92
Download  CS42L92 Click to download

File Size   11788.66 Kbytes
Page   333 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 32-Bit 384-kHz Hi-Fi Audio Codec

CS42L92 Datasheet (HTML) - Cirrus Logic


CS42L92 Product details

Features
• Integrated multichannel 32-bit hi-fi audio hub codec
— 99-dB signal-to-noise ratio (SNR) mic input (48 kHz)
— 127-dB SNR headphone playback (48 kHz)
— –100-dB total harmonic distortion + noise (THD+N)
— Ultrasonic input- and output-path support
• Up to eight analog or digital microphone (DMIC) inputs
• Multipurpose headphone/earpiece/line output drivers
— Support for balanced headphone output loads
— 33 mW into 32- load at 0.1% THD+N
— Hi-fi filters for audiophile-quality playback
• Native audio playback up to 384 kHz sample rate,
concurrent with voice and ultrasonic input signal paths
• Digital pulse-density modulation (PDM) output interface
• Multichannel asynchronous sample-rate conversion
• Multiline SLIMbus® audio and control interface
• Three multichannel digital-audio interfaces
— Standard data formats up to 384 kHz, 32 bits
• Flexible clocking, derived from MCLKn, AIFn, or SLIMbus
— Low-power frequency-locked loops (FLLs) support
reference clocks down to 32 kHz.
• Advanced accessory detection functions
• Configurable functions on up to 16 general-purpose
input/output (GPIO) pins
• Integrated regulators and charge pumps
• Small W-CSP package, 0.4-mm staggered ball array

Applications
• Smartphones, tablets, and multimedia handsets




Similar Part No. - CS42L92

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS42L42 CIRRUS-CS42L42 Datasheet
3Mb / 184P
Low-Power Audio Codec with SoundWire짰?밒2S/TDM and Audio Processing
CS42L42-CNZ CIRRUS-CS42L42-CNZ Datasheet
3Mb / 184P
Low-Power Audio Codec with SoundWire짰?밒2S/TDM and Audio Processing
CS42L42-CNZR CIRRUS-CS42L42-CNZR Datasheet
3Mb / 184P
Low-Power Audio Codec with SoundWire짰?밒2S/TDM and Audio Processing
CS42L42-CWZR CIRRUS-CS42L42-CWZR Datasheet
3Mb / 184P
Low-Power Audio Codec with SoundWire짰?밒2S/TDM and Audio Processing
CS42L50 CIRRUS-CS42L50 Datasheet
1Mb / 48P
Low Voltage, Stereo CODEC with headphone Amp
More results


Similar Description - CS42L92

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC320AD77C TI-TLC320AD77C Datasheet
215Kb / 31P
24-BIT 96 kHz STEREO AUDIO CODEC
logo
Wolfson Microelectronic...
WM8753 WOLFSON-WM8753 Datasheet
1Mb / 87P
HI FI AND TELEPHONY DUAL CODEC
logo
Cirrus Logic
CS4272 CIRRUS-CS4272 Datasheet
1Mb / 53P
24-Bit, 192 kHz Stereo Audio CODEC
CS4271 CIRRUS-CS4271 Datasheet
1Mb / 53P
24-Bit, 192 kHz Stereo Audio CODEC
CS4270 CIRRUS-CS4270 Datasheet
730Kb / 48P
24-Bit, 192 kHz Stereo Audio CODEC
logo
Wolfson Microelectronic...
WM8753 WOLFSON-WM8753_05 Datasheet
1Mb / 92P
Hi-Fi and Telephony Dual CODEC
logo
Cirrus Logic
CS4270 CIRRUS-CS4270_06 Datasheet
980Kb / 49P
24-Bit, 192 kHz Stereo Audio CODEC
logo
Texas Instruments
TLC320AD77 TI1-TLC320AD77 Datasheet
397Kb / 33P
24-Bit 96 kHz Stereo Audio Codec
logo
STMicroelectronics
TDA2050 STMICROELECTRONICS-TDA2050_11 Datasheet
2Mb / 18P
32 W hi-fi audio power amplifier
31-Aug-2011
logo
Cirrus Logic
CS4272-DZZ CIRRUS-CS4272-DZZ Datasheet
1Mb / 53P
24-Bit, 192 kHz Stereo Audio CODEC
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com