Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8753 Datasheet (PDF) - Wolfson Microelectronics plc

WM8753 Datasheet PDF - Wolfson Microelectronics plc
Part # WM8753
Download  WM8753 Download
File Size   1033.19 Kbytes
Page   87 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description HI FI AND TELEPHONY DUAL CODEC

WM8753 Datasheet (PDF)

Go To PDF Page Download Datasheet
WM8753 Datasheet PDF - Wolfson Microelectronics plc

Part # WM8753
Download  WM8753 Click to download

File Size   1033.19 Kbytes
Page   87 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description HI FI AND TELEPHONY DUAL CODEC

WM8753 Datasheet (HTML) - Wolfson Microelectronics plc


WM8753 Product details

DESCRIPTION
The WM8753L is a low power, high quality stereo Codec with integrated Voice CODEC designed for portable digital telephony applications such as mobile phone, or headset with Hi-Fi playback capability.

FEATURES
• Hi-Fi DAC: interfaced over I2S type link
• Audio sample rates: 8, 11.025, 16, 22.05, 24, 32, 44.1, 48, 88.2, 96
• DAC SNR 98dB, THD -84dB (‘A’ weighted @ 48kHz)
• ADC SNR 95dB, THD -82dB (‘A’ weighted @ 48kHz)
• On-chip Headphone Driver with cap-less output option
    - 40mW output power on 16Ω / 3.3V
    - with 16Ω load: SNR 90dB, THD –75dB
    - with 10kΩ load: SNR 94dB, THD –90dB
• On-chip speaker driver with 0.5W into 8R
• Voice Codec: interfaced over Voice interface
• supports sample rates from 8ks/s to 48ks/s
• ADC and DAC SNR 82dB, THD -74dB
• Two Differential Microphone Interfaces
    - Dual ADCs support noise cancellation in external DSP
    - Programmable ALC / Noise Gate
• Low-noise bias supplied for electret microphones

Other features
• On-chip PLLs supporting 12, 13, 19.2MHz and other clocks
• Cap-less connection options to headphones, earpiece, spkr.
• Low power, low voltage
    - 1.8V to 3.6V (digital core: 1.42V to 3.6V)
    - power consumption <20mW all-on with 2V supplies
    - <12mW for PCM CODEC operation
• 7x7x0.9mm QFN package, 5x5x0.9mm BGA package

APPLICATIONS
• MP3 Player / Recorder mobile phone
• Bluetooth stereo headset




Similar Part No. - WM8753

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8753L WOLFSON-WM8753L Datasheet
1Mb / 92P
Hi-Fi and Telephony Dual CODEC
WM8753LGEB/RV WOLFSON-WM8753LGEB/RV Datasheet
1Mb / 92P
Hi-Fi and Telephony Dual CODEC
WM8753LGEB/V WOLFSON-WM8753LGEB/V Datasheet
1Mb / 92P
Hi-Fi and Telephony Dual CODEC
WM8753LGEFL/RV WOLFSON-WM8753LGEFL/RV Datasheet
1Mb / 92P
Hi-Fi and Telephony Dual CODEC
WM8753LGEFL/V WOLFSON-WM8753LGEFL/V Datasheet
1Mb / 92P
Hi-Fi and Telephony Dual CODEC
More results


Similar Description - WM8753

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA2030A STMICROELECTRONICS-TDA2030A Datasheet
238Kb / 15P
18W Hi-Fi AMPLIFIER AND 35W DRIVER
Mar-1995
logo
List of Unclassifed Man...
UTC2030 ETC1-UTC2030 Datasheet
174Kb / 14P
18W Hi-Fi AMPLIFIER AND 35W DRIVER
logo
Wolfson Microelectronic...
WM8753 WOLFSON-WM8753_05 Datasheet
1Mb / 92P
Hi-Fi and Telephony Dual CODEC
logo
List of Unclassifed Man...
500028 ETC2-500028 Datasheet
57Kb / 2P
Stereo Hi-Fi Balun
logo
Cirrus Logic
CS42L73 CIRRUS-CS42L73 Datasheet
205Kb / 7P
Ultra Low Power Mobile Audio and Telephony CODEC
logo
Analog Devices
AD1803 AD-AD1803_15 Datasheet
5Mb / 32P
Modem/Telephony Codec
REV. A
logo
Texas Instruments
TLV320AIC3104 TI1-TLV320AIC3104_17 Datasheet
1Mb / 97P
Low-Power Stereo Audio Codec for Portable Audio and Telephony
logo
LG Semicon Co.,Ltd.
XC102 LG-XC102 Datasheet
12Mb / 59P
MICRO Hi-Fi SYSTEM
logo
Hangzhou Youwang Electr...
UTC2030 YOUWANG-UTC2030 Datasheet
171Kb / 14P
18W Hi-Fi AMPLIFIER AND DRIVER
logo
Cirrus Logic
CS42L92 CIRRUS-CS42L92 Datasheet
11Mb / 333P
32-Bit 384-kHz Hi-Fi Audio Codec
F2 JAN 18
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com