Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8753 Datasheet(PDF) 7 Page - Wolfson Microelectronics plc

Part # WM8753
Description  HI FI AND TELEPHONY DUAL CODEC
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8753 Datasheet(HTML) 7 Page - Wolfson Microelectronics plc

Back Button WM8753 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8753 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8753 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8753 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8753 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8753 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8753 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8753 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8753 Datasheet HTML 11Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 87 page
background image
WM8753L
Advanced Information
w
AI Rev 3.1 June 2004
7
ELECTRICAL CHARACTERISTICS
Test Conditions
DCVDD = 1.5V, AVDD = HPVDD = DBVDD = SPKRVDD = PLLVDD = 3.3V, TA = +25
oC, 1kHz signal, fs = 48kHz, 24-bit audio
data unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Analogue Inputs (LINE1, LINE2, RXP, RXN)
Full-scale
Input
Signal
Level
(0dB) – note this changes with
AVDD
VINFS
1.0
V rms
Input Capacitance
CLINE1/2,
RXP/N
10
pF
Microphone Preamp Inputs (MIC1, MIC1N, MIC2, MIC2N)
Full-scale
Input
Signal
Level
(0dB) – note this changes with
AVDD
VINFS
177
-12
mV rms
dBV
Mic preamp gain range
12
30
dB
Mic
preamp
equivalent
input
noise
At 30dB gain
TBD
uV
Input resistance
RMIC1N, RMIC2N
Gain set to 30dB
5
k
Ω
Input resistance
RMIC1N, RMIC2N
Gain set to 24dB
10
k
Ω
Input resistance
RMIC1N, RMIC2N
Gain set to 18dB
18
k
Ω
Input resistance
RMIC1N, RMIC2N
Gain set to 12dB
33
k
Ω
Input resistance
RMIC1, RMIC2
163
k
Ω
Recommended decoupling cap
CDECOUP
0.33
uF
Input Capacitance
CMICIN
10
pF
Programmable Gain Amplifier (PGA)
Programmable Gain
-17.25
30
dB
Programmable Gain Step Size
Guaranteed Monotonic
0.75
dB
Mute Attenuation
TBD
dB
Automatic Level Control (ALC)
Target Record Level
-28.5
-6
dB
Gain Hold Time (Note 1)
tHOLD
0, 2.67, 5.33, 10.67, … , 43691
(time doubles with each step)
ms
Gain Ramp-Up (Decay) Time
(Note2)
tDCY
24, 48, 96, … , 2458
(time doubles with each step)
ms
Gain Ramp-Down (Attack) Time
(Note 2)
tATK
MCLK = 12.288MHz
(Note 3)
6, 12, 24, … , 6140
(time doubles with each step)
ms
LINE1/2 to Analogue to Digital Converter (ADC)
Signal to Noise Ratio (Note 4, 5)
A-weighted, 0dB gain
95
dB
Total Harmonic Distortion
(Note 6)
full-scale, 0dB gain
-82
dB
Channel Separation (Note 7)
1kHz input signal
90
dB
LINE1/2 to Voice Analogue to Digital Converter (ADC), fs = 8kHz
Signal to Noise Ratio (Note 4, 5)
A-weighted, 0dB gain
82
dB
Total Harmonic Distortion
(Note 6)
full-scale, 0dB gain
-74
dB
Channel Separation (Note 7)
1kHz input signal
90
dB
Digital to Analogue Converter (DAC) to Lineout (LOUT1/2, ROUT1/2, MONO1, MONO2,OUT3 with 10kΩ / 50pF load)
Signal to Noise Ratio
(A-weighted)
SNR
A-weighted
TBD
98
dB
Total Harmonic Distortion
(Note 6)
THD
RL = 10 k
Ω
full-scale signal
-84
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com