Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8753 Datasheet(PDF) 41 Page - Wolfson Microelectronics plc

Part # WM8753
Description  HI FI AND TELEPHONY DUAL CODEC
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8753 Datasheet(HTML) 41 Page - Wolfson Microelectronics plc

Back Button WM8753 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8753 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8753 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8753 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8753 Datasheet HTML 41Page - Wolfson Microelectronics plc WM8753 Datasheet HTML 42Page - Wolfson Microelectronics plc WM8753 Datasheet HTML 43Page - Wolfson Microelectronics plc WM8753 Datasheet HTML 44Page - Wolfson Microelectronics plc WM8753 Datasheet HTML 45Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 87 page
background image
WM8753L
Advanced Information
w
AI Rev 3.1 June 2004
41
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
8
LD2LO
0
Left DAC to Left Mixer
0 = Disable (Mute)
1 = Enable Path
7
LM2LO
0
LM Signal to Left Mixer
0 = Disable (Mute)
1 = Enable Path
R34 (22h)
Left Mixer
Control (1)
6:4
LM2LOVOL
[2:0]
101
(-9dB)
LM Signal to Left Mixer Volume
000 = +6dB
… (3dB steps)
111 = -15dB
8
VXD2LO
0
Voice DAC to Left Mixer
0 = Disable (Mute)
1 = Enable Path
7
ST2LO
0
Sidetone Signal to Left Mixer
0 = Disable (Mute)
1 = Enable Path
[6:4]
ST2LOVOL
[2:0]
101
(-9dB)
Sidetone Signal to Left Mixer Volume
000 = +6dB
… (3dB steps)
111 = -15dB
R35 (23h)
Left Mixer
Control (2)
[2:0]
VXD2LOVOL
101
(-6dB)
Voice DAC Signal to Left Mixer Volume
000 = +9dB
… (3dB steps)
111 = -12dB
Table 32 Left Output Mixer Control
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
8
RD2RO
0
Right DAC to Right Mixer
0 = Disable (Mute)
1 = Enable Path
7
RM2RO
0
RM Signal to Right Mixer
0 = Disable (Mute)
1 = Enable Path
R36 (24h)
Right Mixer
Control (1)
[6:4]
RM2ROVOL
[2:0]
101
(-9dB)
RM Signal to Right Mixer Volume
000 = +6dB
… (3dB steps)
111 = -15dB
8
VXD2RO
0
Voice DAC to Right Mixer
0 = Disable (Mute)
1 = Enable Path
7
ST2RO
0
Sidetone Signal to Right Mixer
0 = Disable (Mute)
1 = Enable Path
[6:4]
ST2ROVOL
[2:0]
101
(-9dB)
Sidetone Signal to Right Mixer Volume
000 = +6dB
… (3dB steps)
111 = -15dB
R37 (25h)
Right Mixer
Control (2)
[2:0]
VXD2ROVOL
[2:0]
101
(-6dB)
Voice DAC Signal to Right Mixer Volume
000 = +9dB
… (3dB steps)
111 = -12dB
Table 33 Right Output Mixer Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com