Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8753 Datasheet(PDF) 55 Page - Wolfson Microelectronics plc

Part # WM8753
Description  HI FI AND TELEPHONY DUAL CODEC
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8753 Datasheet(HTML) 55 Page - Wolfson Microelectronics plc

Back Button WM8753 Datasheet HTML 51Page - Wolfson Microelectronics plc WM8753 Datasheet HTML 52Page - Wolfson Microelectronics plc WM8753 Datasheet HTML 53Page - Wolfson Microelectronics plc WM8753 Datasheet HTML 54Page - Wolfson Microelectronics plc WM8753 Datasheet HTML 55Page - Wolfson Microelectronics plc WM8753 Datasheet HTML 56Page - Wolfson Microelectronics plc WM8753 Datasheet HTML 57Page - Wolfson Microelectronics plc WM8753 Datasheet HTML 58Page - Wolfson Microelectronics plc WM8753 Datasheet HTML 59Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 87 page
background image
WM8753L
Advanced Information
w
AI Rev 3.1 June 2004
55
LEFT CHANNEL
RIGHT CHANNEL
LRC /
VXFS
BCLK /
VXCLK
DACDAT /
ADCDAT /
VXDIN /
VXDOUT
1/fs
n
3
2
1
n-2 n-1
LSB
MSB
n
3
2
1
n-2 n-1
LSB
MSB
Figure 17 Right Justified Audio Interface (assuming n-bit word length)
In I
2S mode, the MSB is available on the second rising edge of BCLK following a LRC transition. The
other bits up to the LSB are then transmitted in order. Depending on word length, BCLK frequency
and sample rate, there may be unused BCLK cycles between the LSB of one sample and the MSB of
the next.
LEFT CHANNEL
RIGHT CHANNEL
LRC /
VXFS
BCLK /
VXCLK
DACDAT /
ADCDAT /
VXDIN /
VXDOUT
1/fs
n
3
2
1
n-2 n-1
LSB
MSB
n
3
2
1
n-2 n-1
LSB
MSB
1 BCLK
1 BCLK
Figure 18 I
2S Justified Audio Interface (assuming n-bit word length)
In DSP mode, the left channel MSB is available on either the 1
st (mode B) or 2nd (mode A) rising edge
of BCLK (selectable by LRP) following a rising edge of LRC. Right channel data immediately follows
left channel data. Depending on word length, BCLK frequency and sample rate, there may be unused
BCLK cycles between the LSB of the right channel data and the next sample.
LEFT CHANNEL
RIGHT CHANNEL
LRC /
VXFS
BCLK /
VXCLK
DACDAT /
ADCDAT /
VXDIN /
VXDOUT
n
3
2
1
n-2 n-1
LSB
MSB
n
3
2
1
n-2 n-1
1 BCLK / VXCLK
Input Word Length (WL)
1/fs
Figure 19 DSP Mode Audio Interface (mode A, LRP/PLRP=0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com