Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8753 Datasheet(PDF) 37 Page - Wolfson Microelectronics plc

Part # WM8753
Description  HI FI AND TELEPHONY DUAL CODEC
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8753 Datasheet(HTML) 37 Page - Wolfson Microelectronics plc

Back Button WM8753 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8753 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8753 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8753 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8753 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8753 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8753 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8753 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8753 Datasheet HTML 41Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 87 page
background image
WM8753L
Advanced Information
w
AI Rev 3.1 June 2004
37
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
8
LDVU
0
Left DAC Volume Update
0 = Store LDACVOL in intermediate
latch (no gain change)
1 = Update left and right channel
gains (left = LDACVOL, right =
intermediate latch)
R8 (08h)
Left
Channel
Digital Volume
7:0
LDACVOL
[7:0]
11111111
( 0dB )
Left DAC Digital Volume Control
0000 0000 = Digital Mute
0000 0001 = -127dB
0000 0010 = -126.5dB
... 0.5dB steps up to
1111 1111 = 0dB
8
RDVU
0
Left DAC Volume Update
0 = Store RDACVOL in intermediate
latch (no gain change)
1 = Update left and right channel
gains (left = intermediate latch, right
= RDACVOL)
R9 (09h)
Right Channel
Digital Volume
7:0
RDACVOL
[7:0]
11111111
( 0dB )
Right DAC Digital Volume Control
similar to LDACVOL
Table 25 Digital Volume Control
GRAPHIC EQUALISER
The WM8753L has a digital graphic equaliser and adaptive bass boost function. This function
operates on digital audio data before it is passed to the audio DACs. Bass enhancement can take two
different forms:
•
Linear bass control: bass signals are amplified or attenuated by a user
programmable gain. This is independent of signal volume, and very high bass gains
on loud signals may lead to signal clipping.
•
Adaptive bass boost: The bass volume is amplified by a variable gain. When the
bass volume is low, it is boosted more than when the bass volume is high. This
method is recommended because it prevents clipping, and usually sounds more
pleasant to the human ear.
Treble control applies a user programmable gain, without any adaptive boost function. Bass and
treble control are completely independent with separately programmable gains and filter
characteristics.
The selectable cut-offs scale with sample frequency to give the following cut-off frequencies at
different sample rates
BC[2:0]
CUT-OFF AT FS=8KHZ
CUT-OFF AT
FS=16KHZ
CUT-OFF AT
FS=48KHZ
000
22Hz
44Hz
130Hz
001
33.3Hz
66.7Hz
200Hz
010
50Hz
100Hz
300Hz
011
66.7Hz
133.3Hz
400Hz
100
100Hz
200Hz
600Hz
101
200Hz
400Hz
1200Hz
Table 26 Bass Filter Cut-off Frequencies for Different Frequencies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com