Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8753 Datasheet(PDF) 70 Page - Wolfson Microelectronics plc

Part # WM8753
Description  HI FI AND TELEPHONY DUAL CODEC
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8753 Datasheet(HTML) 70 Page - Wolfson Microelectronics plc

Back Button WM8753 Datasheet HTML 66Page - Wolfson Microelectronics plc WM8753 Datasheet HTML 67Page - Wolfson Microelectronics plc WM8753 Datasheet HTML 68Page - Wolfson Microelectronics plc WM8753 Datasheet HTML 69Page - Wolfson Microelectronics plc WM8753 Datasheet HTML 70Page - Wolfson Microelectronics plc WM8753 Datasheet HTML 71Page - Wolfson Microelectronics plc WM8753 Datasheet HTML 72Page - Wolfson Microelectronics plc WM8753 Datasheet HTML 73Page - Wolfson Microelectronics plc WM8753 Datasheet HTML 74Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 87 page
background image
Advanced Information
WM8753L
w
AI Rev 3.1 June 2004
70
HIFI DAC + VOICE CODEC MODE
In this mode the stereo ADC and voice DAC are used for voice record and playback and the
HiFi DAC is used for high quality playback. The HiFi DAC may be powered off for voice codec
only operation. In this mode the sample rate for the HiFi DAC is controlled using SR[4:0] and
USB, as detailed in the HIFI Codec Mode section above. The Voice DAC and ADC sample rate
is controlled by PSR. In this mode the Voice DAC and ADC sample rate is derived from the
master clock selected for the voice DAC and ADC (see
Figure 26). The Voice codec and HiFi DAC may operate at different sample rates from the
same or separate master clocks. e.g. for HiFI DAC operation at fs=48kHz and voice codec
operation at fs=8kHz with mclk = 12.288MHz. PCMDIV (reg52) should be set to divide mclk by
6 to provide a 2.048Mhz (= 256 x 8kHz) clock for the voice DAC and ADC.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
8
SRMODE
0
ADC Sample rate mode
0 – ADC sample rate selected
by SR[4:0] and USB
1 – ADC sample rate selected
by PSR[1:0]
R6 (06h)
Sample Rate
Control
7
PSR
0
Voice
Codec
Sample
Rate
Control
0 – 256fs mode
1 – 384fs mode
Table 68 Clocking and Sample Rate Control
The clocking of the WM8753L voice codec is controlled using the PSR control bits. If MCLK changes,
the sample rates change proportionately.
POWER SUPPLIES
The WM8753L can use up to four separate power supplies:
§
AVDD and AGND: Analogue supply, powers all analogue functions except the headphone
drivers. AVDD can range from 1.8V to 3.6V and has the most significant impact on overall
power consumption (except for power consumed in the headphone). A large AVDD slightly
improves audio quality.
§
HPVDD, SPKRVDD and HP/SPKRGND: Headphone and Speaker supplies, power the
headphone and speaker drivers. HPVDD and SPKRVDD can range from 1.8V to 3.6V. HPVDD
and SPKRVDD are normally tied to AVDD, but it requires separate layout and decoupling
capacitors to curb harmonic distortion. With a larger HPVDD and SPKRVDD, louder headphone
and speaker outputs can be achieved with lower distortion. If HPVDD and /or SPKRVDD are
lower than AVDD, the output signal may be clipped.
§
PLLVDD and PLLGND. PLL supplies, power the two on-chip PLLs. PLLVDD can range from
1.8V to 3.6V.
§
DCVDD: Digital core supply, powers all digital functions except the audio and control interfaces.
DCVDD can range from 1.42V to 3.6V, and has no effect on audio quality. The return path for
DCVDD is DGND, which is shared with DBVDD.
§
DBVDD: Digital buffer supply, powers the audio and control interface buffers. This makes it
possible to run the digital core at very low voltages, saving power, while interfacing to other
digital devices using a higher voltage. DBVDD draws much less power than DCVDD, and has
no effect on audio quality. DBVDD can range from 1.8V to 3.6V. The return path for DBVDD is
DGND, which is shared with DCVDD.
It is possible to use the same supply voltage on all four. However, digital and analogue supplies
should be routed and decoupled separately to keep digital switching noise out of the analogue signal
paths.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com