Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8753 Datasheet(PDF) 52 Page - Wolfson Microelectronics plc

Part # WM8753
Description  HI FI AND TELEPHONY DUAL CODEC
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8753 Datasheet(HTML) 52 Page - Wolfson Microelectronics plc

Back Button WM8753 Datasheet HTML 48Page - Wolfson Microelectronics plc WM8753 Datasheet HTML 49Page - Wolfson Microelectronics plc WM8753 Datasheet HTML 50Page - Wolfson Microelectronics plc WM8753 Datasheet HTML 51Page - Wolfson Microelectronics plc WM8753 Datasheet HTML 52Page - Wolfson Microelectronics plc WM8753 Datasheet HTML 53Page - Wolfson Microelectronics plc WM8753 Datasheet HTML 54Page - Wolfson Microelectronics plc WM8753 Datasheet HTML 55Page - Wolfson Microelectronics plc WM8753 Datasheet HTML 56Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 87 page
background image
Advanced Information
WM8753L
w
AI Rev 3.1 June 2004
52
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
4:3
GPIO5M[1:0]
00
Configures GPIO5 pin. (2-wire interface
mode only)
00 = Input only.
01 = INT from interrupt controller.
10 = Drive low.
11 = Drive high.
R27 (1Bh)
GPIO
Control (1)
2:0
GPIO4M[2:0]
000
Configures GPIO4 pin.
000 = Input only.
001 = unused.
010 = input only with pull-down.
011 = Input only with pull-up.
100 = Drive low.
101 = Drive high.
110 = SDOUT from control interface
111 = INT from interrupt controller
8:6
GPIO3M[2:0]
000
Configures GPIO3 pin
000 = Input only.
001 to 011 Reserved.
100 = Drive low.
101 = Drive high.
110 = SDOUT from control interface.
111 = INT from interrupt controller.
5:3
GP2M[2:0]
000
Configures GP2/CLK2 pin when
CLK2EN=0
000 = Drive low.
001 = Drive high.
010 = SDOUT from control interface.
011 = INT from interrupt controller.
100 = ADC clock (=256 x fs)
101 = Hi-Fi DAC clock (=256 x fs)
110 = ADC clock divided by 2
111 = DAC clock divided by 2
R28 (1Ch)
GPIO
Control (2)
2:0
GP1M[2:0]
000
Configures GP1/CLK1 pin when
CLK1EN=0
000 = Drive low.
001 = Drive high.
010 = SDOUT from control interface.
011 = INT from interrupt controller.
100 to 111 = reserved
Table 49 GPIO Control
Note:
GPIO5 must not be used in 3-wire interface mode. GPIO5 pin is shared with 3-wire interface CSB.
Enabling GPIO5 as an output will prevent 3-wire writes to the WM8753L.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com