Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8753 Datasheet(PDF) 71 Page - Wolfson Microelectronics plc

Part # WM8753
Description  HI FI AND TELEPHONY DUAL CODEC
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8753 Datasheet(HTML) 71 Page - Wolfson Microelectronics plc

Back Button WM8753 Datasheet HTML 67Page - Wolfson Microelectronics plc WM8753 Datasheet HTML 68Page - Wolfson Microelectronics plc WM8753 Datasheet HTML 69Page - Wolfson Microelectronics plc WM8753 Datasheet HTML 70Page - Wolfson Microelectronics plc WM8753 Datasheet HTML 71Page - Wolfson Microelectronics plc WM8753 Datasheet HTML 72Page - Wolfson Microelectronics plc WM8753 Datasheet HTML 73Page - Wolfson Microelectronics plc WM8753 Datasheet HTML 74Page - Wolfson Microelectronics plc WM8753 Datasheet HTML 75Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 87 page
background image
WM8753L
Advanced Information
w
AI Rev 3.1 June 2004
71
POWER MANAGEMENT
The WM8753L has three control registers that allow users to select which functions are active. For
minimum power consumption, unused functions should be disabled. To avoid any pop or click noise,
it is important to enable or disable functions in the correct order (see Applications Information).
VMIDSEL is the enable for the Vmid reference, which defaults to disabled and can be enabled as a
50k
Ω potential divider or, for low power maintenance of Vref when all other blocks are disabled, as a
500k
Ω potential divider.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
8:7
VMIDSEL
00
Vmid divider enable and select
00 – Vmid disabled (for OFF mode)
01 – 50k
Ω divider enabled (for
playback/record)
10 – 500k
Ω divider enabled (for low-power
standby)
11 – 5k
Ω divider enabled (for fast start-up)
6
VREF
0
VREF
enable
(necessary
for
all
other
functions)
5
MICB
0
MIC Bias enable
4
VDAC
0
Voice DAC enable
3
DACL
0
DAC Left enable
2
DACR
0
DAC Right enable
R20 (14h)
Power
Management
(1)
0
DIGENB
0
Disables MCLK into digital
8
MICAMP1EN
0
Mic1 preamp enable
7
MICAMP2EN
0
Mic2 preamp enable
6
ALCMIX
0
ALC mixer enable
5
PGAL
0
ADC left PGA enable
4
PGAR
0
ADC right PGA enable
3
ADCL
0
Left ADC enable
2
ADCR
0
Right ADCR enable
1
RXMIX
0
RX mixer enable
R21 (15h)
Power
Management
(2)
0
LINEMIX
0
Line mixer enable
8
LOUT1
0
LOUT1 enable
7
ROUT1
0
ROUT1 enable
6
LOUT2
0
LOUT2 enable
5
ROUT2
0
ROUT2 enable
4
OUT3
0
OUT3 enable
3
OUT4
0
OUT4 enable
2
MONO1
0
MONO1 enable
R22 (16h)
Power
Management
(3)
1
MONO2
0
MONO2 enable
3
RECMIX
0
Record Mixer Enable
2
MONOMIX
0
Mono mixer enable
1
RIGHTMIX
0
Right mixer enable
R23 (17h)
Power
Management
(4)
0
LEFTMIX
0
Left mixer enable
Note: All control bits are 0=OFF, 1=ON
Table 69 Power Management
SAVING POWER AT LOW SUPPLY VOLTAGES
The analogue supplies to the WM8753L can run from 1.8V to 3.6V. By default, all analogue circuitry
on the device is optimized to run at 3.3V. This set-up is also good for all other supply voltages down
to 1.8V. However, at lower voltages, it is possible to save power by reducing the internal bias currents
used in the analogue circuitry. This is controlled as shown below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com