Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8753 Datasheet(PDF) 73 Page - Wolfson Microelectronics plc

Part # WM8753
Description  HI FI AND TELEPHONY DUAL CODEC
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8753 Datasheet(HTML) 73 Page - Wolfson Microelectronics plc

Back Button WM8753 Datasheet HTML 69Page - Wolfson Microelectronics plc WM8753 Datasheet HTML 70Page - Wolfson Microelectronics plc WM8753 Datasheet HTML 71Page - Wolfson Microelectronics plc WM8753 Datasheet HTML 72Page - Wolfson Microelectronics plc WM8753 Datasheet HTML 73Page - Wolfson Microelectronics plc WM8753 Datasheet HTML 74Page - Wolfson Microelectronics plc WM8753 Datasheet HTML 75Page - Wolfson Microelectronics plc WM8753 Datasheet HTML 76Page - Wolfson Microelectronics plc WM8753 Datasheet HTML 77Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 87 page
background image
WM8753L
Advanced Information
w
AI Rev 3.1 June 2004
73
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
8
VDACBIASX0P5
0
Voice DAC bias current reduce:
0 = 1x bias
1 = 0.5x bias (reduced power)
7
MBIASBOOST
0
Master bias current boost
0 = 1x bias
1 = 1.5x bias (increased power)
[6:5]
MICBIASBST
[1:0]
00
Microphone preamplifier current boost:
00 = 1x bias
01 = 2x bias
10 = 3x bias
11 = 4x bias
[4:3]
BUFBIAS[1:0]
00
ADC sample and hold buffer bias
control:
00 = 1x bias
01 = 0.25x bias (lowest power)
10 = 0.5x bias (reduced power)
11 = 1.5x bias (increased power)
2
IPBIASX0P5
0
ADC
volume
control
(PGA)
and
ADCINV bias reduce:
0 = 1x bias
1 = 0.5x bias (reduced power)
R61 (3Dh)
Bias control
[1:0]
ADCBIAS[1:0]
00
ADC bias current reduce:
00 = 1x bias
01 = 0.25x bias (lowest power)
10 = 0.5x bias (reduced power)
11 = 1.5x bias (increased power)
Table 71 Bias Control Bits
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
1
OPBIASX0P5
0
Analogue Output bias current control:
0 = 1x bias
1 = 0.5x bias (reduced power)
R63 (3Fh)
Additional
control
0
DMBIAS0P5
0
DAC and Mixer bias current control:
0 = 1x bias
1 = 0.5x bias (reduced power)
Table 72 Additional Control Register – Bias Control Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com