Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8753 Datasheet(PDF) 47 Page - Wolfson Microelectronics plc

Part # WM8753
Description  HI FI AND TELEPHONY DUAL CODEC
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8753 Datasheet(HTML) 47 Page - Wolfson Microelectronics plc

Back Button WM8753 Datasheet HTML 43Page - Wolfson Microelectronics plc WM8753 Datasheet HTML 44Page - Wolfson Microelectronics plc WM8753 Datasheet HTML 45Page - Wolfson Microelectronics plc WM8753 Datasheet HTML 46Page - Wolfson Microelectronics plc WM8753 Datasheet HTML 47Page - Wolfson Microelectronics plc WM8753 Datasheet HTML 48Page - Wolfson Microelectronics plc WM8753 Datasheet HTML 49Page - Wolfson Microelectronics plc WM8753 Datasheet HTML 50Page - Wolfson Microelectronics plc WM8753 Datasheet HTML 51Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 87 page
background image
WM8753L
Advanced Information
w
AI Rev 3.1 June 2004
47
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R27 (1Bh)
GPIO Control
(1)
4:3
GPIO4M[2:0]
00
Configures GPIO4 pin:
000 = Input only.
001 = unused.
010 = input only with pull-down.
011 = Input only with pull-up.
100 = Drive low.
101 = Drive high.
110 = SDOUT from control interface
111 = INT from interrupt controller
Table 46 GPIO4 Control
THERMAL SHUTDOWN
The speaker and headphone outputs can drive very large currents. To protect the WM8753L from
overheating a thermal shutdown circuit is included. If the device temperature reaches approximately
150
0C and the thermal shutdown circuit is enabled (TSDEN = 1 ) then the speaker and headphone
amplifiers (outputs OUT1L/R, OUT2L/R, OUT3 and OUT4) will be disabled if TSDADEN is set. The
thermal shutdown may also be configured to generate an interrupt. See the GPIO and Interrupt
Controller section for details.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R45 (2Dh)
Output
Control
4
TSDEN
0
Thermal Shutdown Enable
1 : thermal shutdown disabled
0 : thermal shutdown enabled
R63 (3Fh)
Additional
Control
6
TSDADEN
0
Thermal Shutdown Control
0 : Thermal shutdown will not disable
speaker and headphone outputs
1 : Thermal shutdown will automatically
disable speaker and headphone outputs
Table 47 Thermal Shutdown
HEADPHONE OUTPUT
Analogue outputs LOUT1/ROUT1, LOUT2/ROUT2, and OUT3/OUT4, can drive a 16
Ω or 32Ω
headphone load, either through DC blocking capacitors, or DC coupled without any capacitor.
Headphone Output using DC blocking capacitors
DC Coupled Headphone Output
(OUT3SW = 00 or OUT4SW=00)
WM8753L
C2 220uF
LOUT1/2
ROUT1/2
HPGND = 0V
C1 220uF
WM8753L
LOUT1/2
ROUT1/2
OUT3/OUT4 = VREF
Figure 11 Recommended Headphone Output Configurations
When DC blocking capacitors are used, then their capacitance and the load resistance together
determine the lower cut-off frequency, fc. Increasing the capacitance lowers fc, improving the bass
response. Smaller capacitance values will diminish the bass response. Assuming a 16
Ω load and C1,
C2 = 220
µF:
fc = 1 / 2
π R
LC1 = 1 / (2
π x 16Ω x 220µF) = 45 Hz
In the DC coupled configuration, the headphone “ground” is connected to the OUT3 or OUT4 pin.
OUT3 is enabled by setting OUT3 = 1 and OUT3SW = 00, while OUT4 is enabled by setting OUT4=1
and OUT4SW=00. As the OUT3 pin produces a DC voltage of AVDD/2 (=VREF), there is no DC
offset between LOUT1/ROUT1 and OUT3, and therefore no DC blocking capacitors are required.
This saves space and material cost in portable applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com