Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM5141PW Datasheet (PDF) - Texas Instruments

PCM5141PW Datasheet PDF - Texas Instruments
Part # PCM5141PW
Download  PCM5141PW Download
File Size   1933.87 Kbytes
Page   123 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description PCM514x 2-VRMS DirectPath™, 112/106-dB Audio Stereo DAC With 32-bit, 384-kHz PCM Interface

PCM5141PW Datasheet (PDF)

Go To PDF Page Download Datasheet
PCM5141PW Datasheet PDF - Texas Instruments

Part # PCM5141PW
Download  PCM5141PW Click to download

File Size   1933.87 Kbytes
Page   123 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description PCM514x 2-VRMS DirectPath™, 112/106-dB Audio Stereo DAC With 32-bit, 384-kHz PCM Interface

PCM5141PW Datasheet (HTML) - Texas Instruments


PCM5141PW Product details

1 Features
1• Programmable miniDSP
• Market-Leading Low Out-of-Band Noise
• Selectable Digital-Filter Latency and Performance
• No DC Blocking Capacitors Required
• Integrated Negative Charge Pump
• Intelligent Muting System; Soft Up or Down Ramp
and Analog Mute For 120-dB Mute SNR
• Integrated High-Performance Audio PLL With
BCK Reference To Generate SCK Internally
• Accepts 16-, 20-, 24-, And 32-Bit Audio Data
• PCM Data Formats: I2S, Left-Justified, Right-
Justified, TDM / DSP
• SPI or I2C Control
• Software or Hardware Configuration
• Automatic Power-Save Mode When LRCK And
BCK Are Deactivated charge•
1.8-V or 3.3-V Fail-Safe LVCMOS Digital Inputs
• Single Supply Operation:
3.3-V Analog, 1.8-V or 3.3-V Digital
• Integrated Power-On Reset
• Small 28-pin TSSOP Package

2 Applications
• A/V Receivers
• DVD, BD Players
• HDTV Receivers
• Applications Requiring 2-VRMS Audio Output

3 Description
The PCM514x devices are a family of monolithic
CMOS-integrated circuits that include a stereo digital- to-analog converter and additional support circuitry in
a small TSSOP package. The PCM514x uses the
latest generation of TI’s advanced segment-DAC
architecture to achieve excellent dynamic performance and improved tolerance to clock jitter.
Members of the PCM514x family integrate a fully
programmable miniDSP core, allowing developers to integrate filters, dynamic range controls, custom
interpolators, and other differentiating features to their
products.
The PCM514x provides 2.1-VRMS ground centered
outputs, allowing designers to eliminate DC-blocking
capacitors on the output, as well as external muting
circuits traditionally associated with single-supply line
drivers.
The integrated line driver surpasses all other charge•
pump-based line drivers by supporting loads down to 1 kΩ, allowing the PCM514x to drive up to 10
products in parallel, such as LCD TV, DVDR, and AV
receivers.
The integrated PLL on the device removes the
requirement for a system clock (commonly known as
master clock), allowing a 3-wire I2S connection and
reducing system EMI.




Similar Part No. - PCM5141PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM5141PW TI1-PCM5141PW Datasheet
2Mb / 110P
2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5141PW TI1-PCM5141PW Datasheet
2Mb / 123P
Audio Stereo DAC
PCM5141PWR TI1-PCM5141PWR Datasheet
2Mb / 110P
2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5141PWR TI1-PCM5141PWR Datasheet
2Mb / 123P
Audio Stereo DAC
More results


Similar Description - PCM5141PW

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4351 CIRRUS-CS4351 Datasheet
1Mb / 41P
192 kHz STEREO DAC WITH 2 Vrms LINE OUT
logo
Texas Instruments
PCM5100 TI1-PCM5100 Datasheet
795Kb / 31P
2VRMS DirectPath, 112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
MAY2011
PCM5100A TI1-PCM5100A Datasheet
793Kb / 32P
2VRMS DirectPath?? 112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5102-Q1 TI1-PCM5102-Q1 Datasheet
1Mb / 31P
2VRMS DirectPath?? 112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5141 TI1-PCM5141 Datasheet
2Mb / 110P
2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5121 TI1-PCM5121 Datasheet
2Mb / 107P
2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5101APWR TI1-PCM5101APWR Datasheet
1Mb / 35P
112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5121 TI1-PCM5121_14 Datasheet
2Mb / 108P
2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5141 TI1-PCM5141_14 Datasheet
2Mb / 111P
2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5242 TI-PCM5242_15 Datasheet
2Mb / 128P
PCM5242 4.2-VRMS DirectPath?? 114-dB Audio Stereo Differential-Output DAC with 32-bit, 384-kHz PCM Interface
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com