Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T00 Datasheet (PDF) - STMicroelectronics

M41T00 Datasheet PDF - STMicroelectronics
Part # M41T00
Download  M41T00 Download
File Size   340.77 Kbytes
Page   25 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Serial real-time clock

M41T00 Datasheet (PDF)

Go To PDF Page Download Datasheet
M41T00 Datasheet PDF - STMicroelectronics

Part # M41T00
Download  M41T00 Click to download

File Size   340.77 Kbytes
Page   25 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Serial real-time clock

M41T00 Datasheet (HTML) - STMicroelectronics


M41T00 Product details

Features
 For new designs use M41T00S
 Counters for seconds, minutes, hours, day,
month, years, and century
 32 kHz crystal oscillator integrating load
capacitance (12.5 pF) providing exceptional
oscillator stability and high crystal series
resistance operation
 Serial interface supports I2C bus (100 kHz
protocol)
 Ultra low battery supply current of 0.8 μA
(typ at 3 V)
 2.0 to 5.5 V clock operating voltage
 Automatic switchover and deselect circuitry
(for 3 V application select M41T00S datasheet)
 Software clock calibration to compensate
crystal deviation due to temperature
 Automatic leap year compensation
 Operating temperature of -40 to 85 °C




Similar Part No. - M41T00

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T00 STMICROELECTRONICS-M41T00 Datasheet
99Kb / 15P
Serial Access TIMEKEEPER
15-May-2000
M41T00 STMICROELECTRONICS-M41T00 Datasheet
205Kb / 25P
Serial real-time clock
15-May-2008
M41T00AUD STMICROELECTRONICS-M41T00AUD Datasheet
332Kb / 44P
Serial real-time clock with audio
13-Dec-2007
M41T00AUD STMICROELECTRONICS-M41T00AUD Datasheet
380Kb / 42P
Serial real-time clock (RTC) with audio
06-Feb-2012
M41T00AUDD1E STMICROELECTRONICS-M41T00AUDD1E Datasheet
332Kb / 44P
Serial real-time clock with audio
13-Dec-2007
More results


Similar Description - M41T00

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1337 DALLAS-DS1337 Datasheet
364Kb / 13P
Serial Real-Time Clock
logo
Epson Company
RTC-4513 EPSON-RTC-4513 Datasheet
45Kb / 2P
Real time clock module(SERIAL-INTERFACE REAL TIME CLOCK MODULE)
logo
Dallas Semiconductor
DS1339 DALLAS-DS1339 Datasheet
291Kb / 18P
Serial Real-Time Clock
logo
STMicroelectronics
M41T0 STMICROELECTRONICS-M41T0 Datasheet
260Kb / 20P
SERIAL REAL-TIME CLOCK
23-Jul-2004
M41T00 STMICROELECTRONICS-M41T00_08 Datasheet
205Kb / 25P
Serial real-time clock
15-May-2008
M41T0 STMICROELECTRONICS-M41T0_08 Datasheet
185Kb / 22P
Serial real-time clock
13-May-2008
logo
Integrated Device Techn...
IDT5P90005 IDT-IDT5P90005 Datasheet
303Kb / 16P
SERIAL REAL-TIME CLOCK
logo
STMicroelectronics
M41T0 STMICROELECTRONICS-M41T0_11 Datasheet
310Kb / 23P
Serial real-time clock
09-Jun-2011
logo
Integrated Device Techn...
IDT5P90005C IDT-IDT5P90005C Datasheet
146Kb / 15P
Serial Real-Time Clock
logo
Renesas Technology Corp
IDT5P90005C RENESAS-IDT5P90005C Datasheet
338Kb / 16P
Serial Real-Time Clock
2019
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com