Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ETC5067 Datasheet (PDF) - STMicroelectronics

ETC5067 Datasheet PDF - STMicroelectronics
Part # ETC5067
Download  ETC5067 Download
File Size   270.37 Kbytes
Page   18 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description POWER AMPLIFIER SERIAL INTERFACE CODEC/FILTERWITH RECEIVE

ETC5067 Datasheet (PDF)

Go To PDF Page Download Datasheet
ETC5067 Datasheet PDF - STMicroelectronics

Part # ETC5067
Download  ETC5067 Click to download

File Size   270.37 Kbytes
Page   18 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description POWER AMPLIFIER SERIAL INTERFACE CODEC/FILTERWITH RECEIVE

ETC5067 Datasheet (HTML) - STMicroelectronics


ETC5067 Product details

DESCRIPTION
The ETC5064 (µ-law), ETC5067 (A-law) are mono lithic PCM CODEC/FILTERS utilizing the A/D and D/A conversion architecture shown in the Block Diagrams and a serial PCM interface. The devices are fabricated using double-poly CMOS process.

■ COMPLETE CODEC AND FILTERING SYSTEM INCLUDING :
   - Transmit high-pass and low-pass filtering.
   - Receive low-pass filter with sin x/x correction.
   - Active RC noise filter.
   - µ-law or A-law compatible CODER and DECODER.
   - Internal precision voltage reference.
   - Serial I/O interface.
   - Internal auto-zero circuitry.
   - Receive push-pull power amplifiers.
■ µ-LAW ETC5064
■ A-LAW ETC5067
■ MEETS OR EXCEEDS ALL D3/D4 AND CCITT SPECIFICATIONS.
■ ± 5 V OPERATION.
■ LOW OPERATING POWER-TYPICALLY 70 mW
■ POWER-DOWN STANDBY MODE-TYPICALLY 3 mW
■ AUTOMATIC POWER DOWN
■ TTL OR CMOS COMPATIBLE DIGITAL INTERFACES
■ MAXIMIZES LINE INTERFACE CARD CIRCUIT DENSITY
■ 0°C TO 70°C OPERATION: ETC5064/67
■ –40°C TO 85°C OPERATION: ETC5064-X/67-X




Similar Part No. - ETC5067

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ETC5067D STMICROELECTRONICS-ETC5067D Datasheet
1Mb / 18P
SERIAL INTERFACE CODEC/FILTER WITH RECEIVEPOWER AMPLIFIER
Sep-2003
ETC5067D-X STMICROELECTRONICS-ETC5067D-X Datasheet
1Mb / 18P
SERIAL INTERFACE CODEC/FILTER WITH RECEIVEPOWER AMPLIFIER
Sep-2003
ETC5067N STMICROELECTRONICS-ETC5067N Datasheet
1Mb / 18P
SERIAL INTERFACE CODEC/FILTER WITH RECEIVEPOWER AMPLIFIER
Sep-2003
ETC5067N-X STMICROELECTRONICS-ETC5067N-X Datasheet
1Mb / 18P
SERIAL INTERFACE CODEC/FILTER WITH RECEIVEPOWER AMPLIFIER
Sep-2003
More results


Similar Description - ETC5067

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
TP3054 NSC-TP3054 Datasheet
250Kb / 16P
Enhanced Serial Interface CODEC/Filter COMBO Family
TP3064 NSC-TP3064 Datasheet
276Kb / 18P
Enhanced' Serial Interface CMOS CODEC/Filter COMBO
TP3069 NSC-TP3069 Datasheet
275Kb / 18P
Enhanced' Serial Interface CMOS CODEC/Filter COMBO
logo
STMicroelectronics
ETC5054 STMICROELECTRONICS-ETC5054 Datasheet
153Kb / 18P
SERIAL INTERFACE CODEC/FILTER
Mar-2000
logo
Dallas Semiconductor
DS2187 DALLAS-DS2187 Datasheet
129Kb / 10P
Receive Line Interface
logo
STMicroelectronics
ETC5064 STMICROELECTRONICS-ETC5064_03 Datasheet
1Mb / 18P
SERIAL INTERFACE CODEC/FILTER WITH RECEIVEPOWER AMPLIFIER
Sep-2003
logo
Texas Instruments
TP3057WMX TI1-TP3057WMX Datasheet
299Kb / 18P
Enhanced Serial Interface CODEC/Filter COMBO Family
TP3054 TI1-TP3054_11 Datasheet
323Kb / 18P
Enhanced Serial Interface CODEC/Filter COMBO Family
TP3064 TI1-TP3064_11 Datasheet
347Kb / 20P
Enhanced Serial Interface CMOS CODEC/Filter COMBO
logo
Maxim Integrated Produc...
DS2187 MAXIM-DS2187 Datasheet
685Kb / 10P
Receive Line Interface
062101
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com